Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLD80N06K Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HRLD80N06K
Description  Originative New Design
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLD80N06K Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HRLD80N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRLD80N06K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BV
DSS = 60 V
R
DS(on) typ
I
D = 80 A
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HRLD80N06K / HRLU80N06K
60V N-Channel Trench MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
60
V
I
D
Drain Current
– Continuous (T
C = 25
)
80 *
A
Drain Current
– Continuous (T
C = 100
)
56 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
260 *
A
V
GS
Gate-Source Voltage
20
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
340
mJ
E
AR
Repetitive Avalanche Energy
(Note 1)
16
mJ
P
D
Power Dissipation (T
A = 25
)*
3
W
Power Dissipation (T
C = 25
)
- Derate above 25
160
W
1.07
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +175
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
1.Gate 2. Drain 3. Source
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
0.9
/W
R
JA
Junction-to-Ambient*
--
50
R
JA
Junction-to-Ambient
--
110
June 2015
2
1
2
3
1
3
D-PAK
I-PAK
HRLD80N06K HRLU80N06K
* When mounted on the minimum pad size recommended (PCB Mount)
Originative New Design
Superior Avalanche Rugged Technology
Excellent Switching Characteristics
Unrivalled Gate Charge : 100 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) : 6.3
(Typ.) @V
GS=10V
Lower R
DS(ON) : 7.5
(Typ.) @V
GS=4.5V
100% Avalanche Tested
* Drain current limited by maximum junction temperature


Similar Part No. - HRLD80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD125N06K SEMIHOW-HRLD125N06K Datasheet
897Kb / 9P
   Superior Avalanche Rugged Technology
logo
SHENZHEN DOINGTER SEMIC...
HRLD125N06K DOINGTER-HRLD125N06K Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HRLD1B8N10K SEMIHOW-HRLD1B8N10K Datasheet
330Kb / 9P
   Superior Avalanche Rugged Technology
HRLD370N10K SEMIHOW-HRLD370N10K Datasheet
1Mb / 9P
   Superior Avalanche Rugged Technology
More results

Similar Description - HRLD80N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
HRLP80N06K SEMIHOW-HRLP80N06K Datasheet
898Kb / 7P
   Originative New Design
HCD70R1K4P SEMIHOW-HCD70R1K4P Datasheet
199Kb / 7P
   Originative New Design
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
[Old version datasheet]   Not Recommended for New Design
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
[Old version datasheet]   Not Recommended for New Design
logo
List of Unclassifed Man...
6816INS ETC-6816INS Datasheet
4Mb / 2P
   Same Klein Quality, brand new design
Rev. 09/22 A
logo
NXP Semiconductors
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
   MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
logo
EPCOS
B32921A2104M EPCOS-B32921A2104M Datasheet
326Kb / 10P
   EMI Suppression Capacitors (MKP) Not for new design
logo
NXP Semiconductors
MC9S08PA16 NXP-MC9S08PA16 Datasheet
757Kb / 36P
   MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com