Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDEK-HV-3000-200 Datasheet(PDF) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # TDEK-HV-3000-200
Description  PROGRAMMABLE SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TDEK-HV-3000-200 Datasheet(HTML) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TDEK-HV-3000-200 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TDEK-HV-3000-200 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
NOTE: OTHER VOLTAGES & CURRENTS AVAILABLE. CONSULT THE FACTORY.
OPTION DESIGNATIONS
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
MECHANICAL OUTLINE
AC Input Terminal Pin No. Assignment
Control pin number assignment (CN2): JST S24B-PHDSS or equivalent
CN2 Function Description
Rev. A
- ORD
Redundant Operation
- CC
Conformal Coating
Ruggedized/Militarized
- MIL
- PNL
Panel Mount
- RK
Rack Mount
400 Hz Operation
- 400Hz
TDEK-HV-3000-150
150V
0 - 20A
TDEK-HV-3000-200
200V
0 - 15A
MODEL NUMBER
VOLTAGE
CURRENT
MODEL NUMBER
VOLTAGE
CURRENT
TDEK-HV-3000-250
250V
0 - 12A
TDEK-HV-3000-300
300V
0 - 10A
TDEK-HV-3000-400
400V
0 - 7A


Similar Part No. - TDEK-HV-3000-200

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TDEK-3000-12 TAB-TDEK-3000-12 Datasheet
268Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
TDEK-800-12 TAB-TDEK-800-12 Datasheet
250Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
More results

Similar Description - TDEK-HV-3000-200

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TDEK-800-12 TAB-TDEK-800-12 Datasheet
250Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
TDEK-3000-12 TAB-TDEK-3000-12 Datasheet
268Kb / 2P
   PROGRAMMABLE SWITCHING POWER SUPPLIES
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-30-IS420-U TDK-Z20-30-IS420-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z36-12-IS510-U TDK-Z36-12-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z36-6-IS510-U TDK-Z36-6-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z36-6-LAN-L-U TDK-Z36-6-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com