Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J54IRGCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J54IRGCT
Description  Quad Channel 14-Bit 500 MSPS ADC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J54IRGCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS54J54IRGCT Datasheet HTML 5Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 6Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 7Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 8Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 9Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 10Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 11Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 12Page - Texas Instruments ADS54J54IRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
ADS54J54
www.ti.com
SLASE67 – JANUARY 2015
6.7 Electrical Characteristics: 500 MSPS Output
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500 MSPS, 50%
clock duty cycle, AVDD33 = 3.3 V; AVDD18 = 1.9 V; AVDDC, DVDD, IOVDD, PLLVDD = 1.8 V, –1-dBFS differential input,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒIN = 10 MHz
65.3
ƒIN = 100 MHz
65.2
SNR
Signal-to-Noise Ratio
Bypass Digital Mode (14 bit) ƒIN = 170 MHz
61
64.9
dBFS
ƒIN = 370 MHz
64.7
ƒIN = 450 MHz
64.6
ƒIN = 10 MHz
85
ƒIN = 100 MHz
85
HD2
Second Harmonic Distortion
ƒIN = 170 MHz
70
85
dBc
ƒIN = 370 MHz
75
ƒIN = 450 MHz
75
ƒIN = 10 MHz
85
ƒIN = 100 MHz
85
HD3
Third Harmonic Distortion
ƒIN = 170 MHz
70
85
dBc
ƒIN = 370 MHz
85
ƒIN = 450 MHz
85
ƒIN = 10 MHz
85
ƒIN = 100 MHz
85
SFDR
Spur Free Dynamic Range
(Non-HD2,
ƒIN = 170 MHz
70
85
dBFS
(excluding HD2 and HD3)
Non-HD3)
ƒIN = 370 MHz
83
ƒIN = 450 MHz
83
IMD3
2F1-F2, 2F2-F1, Ain = –7 dBFS
fIN = 169 and 171 MHz
87
dBFS
6.8 Electrical Characteristics: Sample Clock Timing Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500 MSPS, 50%
clock duty cycle, AVDD33 = 3.3 V; AVDD18 = 1.9 V; AVDDC, DVDD, IOVDD, PLLVDD = 1.8 V, –1 dBFS differential input,
unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
Aperture jitter, RMS
98
fs rms
Data latency
38
Sample clock cycles
Fast over-range (OVR) latency
6
tPDI
Clock aperture delay
1.1
ns
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS54J54


Similar Part No. - ADS54J54IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADS54J20IRMP TI1-ADS54J20IRMP Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADS54J20IRMPT TI1-ADS54J20IRMPT Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
More results

Similar Description - ADS54J54IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
Texas Instruments
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Analog Devices
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
logo
Texas Instruments
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
   DUAL 8 BIT 500 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com