Electronic Components Datasheet Search |
|
ADS1220IPWR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
ADS1220IPWR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 71 page ADS1220 SBAS501B – MAY 2013 – REVISED FEBRUARY 2015 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings (1) MIN MAX UNIT AVDD to AVSS –0.3 7 V DVDD to DGND –0.3 7 V AVSS to DGND –2.8 0.3 V Analog input voltage AIN0/REFP1, AIN1, AIN2, AIN3/REFN1, REFP0, REFN0 AVSS – 0.3 AVDD + 0.3 V Digital input voltage CS, SCLK, DIN, DOUT/DRDY, DRDY, CLK DGND – 0.3 DVDD + 0.3 V Input current, continuous, any pin except power supply pins –10 10 mA Junction temperature, TJ –40 150 °C Storage temperature, Tstg –60 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 6.2 ESD Ratings VALUE UNIT Human-body model (HBM), ±2000 per ANSI/ESDA/JEDEC JS-001(1) V(ESD) Electrostatic discharge V Charged-device model (CDM), ±500 per JEDEC specification JESD22-C101(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 4 Submit Documentation Feedback Copyright © 2013–2015, Texas Instruments Incorporated Product Folder Links: ADS1220 |
Similar Part No. - ADS1220IPWR |
|
Similar Description - ADS1220IPWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |