Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC34J25IRGZ25 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC34J25IRGZ25
Description  Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC34J25IRGZ25 Datasheet(HTML) 5 Page - Texas Instruments

  ADC34J25IRGZ25 Datasheet HTML 1Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 2Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 3Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 4Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 5Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 6Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 7Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 8Page - Texas Instruments ADC34J25IRGZ25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
ADC34J22, ADC34J23, ADC34J24, ADC34J25
www.ti.com
SBAS669A – MAY 2014 – REVISED JANUARY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range, AVDD
–0.3
2.1
V
Supply voltage range, DVDD
–0.3
2.1
V
Minimum
INAP, INBP, INCP, INDP, INAM, INBM, INCM, INDM
–0.3
V
(AVDD + 0.3, 2.1)
Minimum
CLKP, CLKM(2)
–0.3
V
Voltage applied to input
(AVDD + 0.3, 2.1)
pins:
Minimum
SYSREFP, SYSREFM, SYNCP~, SYNCM~
–0.3
V
(AVDD + 0.3, 2.1)
SCLK, SEN, SDATA, RESET, PDN
–0.3
3.6
V
Operating free-air, TA
–40
85
°C
Temperature
Operating junction, TJ
125
°C
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, TI recommends switching off the input clock (or ensuring the voltage on CLKP, CLKM is less than |0.3 V|).
This configuration prevents the ESD protection diodes at the clock input pins from turning on.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage range
1.7
1.8
1.9
V
DVDD
Digital supply voltage range
1.7
1.8
1.9
V
ANALOG INPUT
For input frequencies < 450 MHz
2
VPP
VID
Differential input voltage
For input frequencies < 600 MHz
1
VPP
VIC
Input common-mode voltage
VCM ± 0.025
V
CLOCK INPUT
Input clock frequency
Sampling clock frequency
25
160(2)
MSPS
Sine wave, ac-coupled
0.2
1.5
V
Input clock amplitude (differential)
LPECL, ac-coupled
1.6
V
LVDS, ac-coupled
0.7
V
Input clock duty cycle
35
50
65
%
Input clock common-mode voltage
0.95
V
DIGITAL OUTPUTS
Maximum external load capacitance
CLOAD
3.3
pF
from each output pin to GND
RLOAD
Single-ended load resistance
100
Ω
(1)
After power-up, to reset the device for the first time, only use the RESET pin; see the Register Initialization section.
(2)
With the clock divider enabled by default for divide-by-1. Maximum sampling clock frequency for the divide-by-4 option is 640 MSPS.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC34J22 ADC34J23 ADC34J24 ADC34J25


Similar Part No. - ADC34J25IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
[Old version datasheet]   The ADC34J2x are a high-linearity
More results

Similar Description - ADC34J25IRGZ25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com