Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32J43 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32J43
Description  Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32J43 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC32J43 Datasheet HTML 4Page - Texas Instruments ADC32J43 Datasheet HTML 5Page - Texas Instruments ADC32J43 Datasheet HTML 6Page - Texas Instruments ADC32J43 Datasheet HTML 7Page - Texas Instruments ADC32J43 Datasheet HTML 8Page - Texas Instruments ADC32J43 Datasheet HTML 9Page - Texas Instruments ADC32J43 Datasheet HTML 10Page - Texas Instruments ADC32J43 Datasheet HTML 11Page - Texas Instruments ADC32J43 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
ADC32J42, ADC32J43, ADC32J44, ADC32J45
SBAS663A – MAY 2014 – REVISED JUNE 2015
www.ti.com
7.8 AC Performance: ADC32J45
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 160 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input,
unless otherwise noted.
ADC32J45 (fS = 160 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
72.5
72.8
fIN = 70 MHz
70.2
71.7
72.0
SNR
Signal-to-noise ratio
fIN = 100 MHz
71.3
71.6
dBFS
fIN = 170 MHz
70.1
70.7
fIN = 230 MHz
68.9
69.5
fIN = 10 MHz
151.5
151.8
fIN = 70 MHz
–149.5
150.7
151.0
Noise spectral density
NSD
fIN = 100 MHz
150.3
150.6
dBFS/Hz
(averaged across Nyquist zone)
fIN = 170 MHz
149.1
149.7
fIN = 230 MHz
147.9
148.5
fIN = 10 MHz
72.3
72.6
fIN = 70 MHz
68.3
71.5
71.8
SINAD
Signal-to-noise and distortion ratio fIN = 100 MHz
71.0
71.2
dBFS
fIN = 170 MHz
69.6
70.1
fIN = 230 MHz
68.3
68.4
fIN = 10 MHz
11.7
11.8
fIN = 70 MHz
11.1
11.6
11.6
ENOB
Effective number of bits
fIN = 100 MHz
11.5
11.5
Bits
fIN = 170 MHz
11.3
11.3
fIN = 230 MHz
11.0
11.1
fIN = 10 MHz
90
88
fIN = 70 MHz
81
85
85
SFDR
Spurious-free dynamic range
fIN = 100 MHz
85
84
dBc
fIN = 170 MHz
84
83
fIN = 230 MHz
81
80
fIN = 10 MHz
90
91
fIN = 70 MHz
81
91
92
HD2
Second-order harmonic distortion
fIN = 100 MHz
88
86
dBc
fIN = 170 MHz
84
83
fIN = 230 MHz
81
80
fIN = 10 MHz
91
88
fIN = 70 MHz
81
85
84
HD3
Third-order harmonic distortion
fIN = 100 MHz
85
84
dBc
fIN = 170 MHz
91
86
fIN = 230 MHz
86
87
fIN = 10 MHz
98
95
fIN = 70 MHz
87
99
95
Non
Spurious-free dynamic range
fIN = 100 MHz
97
94
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 170 MHz
92
91
fIN = 230 MHz
91
89
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC32J42 ADC32J43 ADC32J44 ADC32J45


Similar Part No. - ADC32J43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32J22 TI-ADC32J22 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J22IRGZR TI-ADC32J22IRGZR Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J22IRGZT TI-ADC32J22IRGZT Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J23 TI-ADC32J23 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
More results

Similar Description - ADC32J43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com