Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32J45 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32J45
Description  Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32J45 Datasheet(HTML) 1 Page - Texas Instruments

  ADC32J45 Datasheet HTML 1Page - Texas Instruments ADC32J45 Datasheet HTML 2Page - Texas Instruments ADC32J45 Datasheet HTML 3Page - Texas Instruments ADC32J45 Datasheet HTML 4Page - Texas Instruments ADC32J45 Datasheet HTML 5Page - Texas Instruments ADC32J45 Datasheet HTML 6Page - Texas Instruments ADC32J45 Datasheet HTML 7Page - Texas Instruments ADC32J45 Datasheet HTML 8Page - Texas Instruments ADC32J45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
Frequency (MHz)
0
16
32
48
64
80
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D101
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC32J42, ADC32J43, ADC32J44, ADC32J45
SBAS663A – MAY 2014 – REVISED JUNE 2015
ADC32J4x Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
with JESD204B Interface
1 Features
3 Description
The ADC32J4x are a high-linearity, ultra-low power,
1
Dual Channel
dual-channel, 14-bit, 50-MSPS to 160-MSPS, analog-
14-Bit Resolution
to-digital converter (ADC) family. The devices are
Single Supply: 1.8 V
designed specifically to support demanding, high
input frequency signals with large dynamic range
Flexible Input Clock Buffer with Divide-by-1, -2, -4
requirements. A clock input divider allows more
SNR = 72.2 dBFS, SFDR = 87 dBc at
flexibility for system clock architecture design and the
fIN = 70 MHz
SYSREF
input
enables
complete
system
Ultralow Power Consumption:
synchronization.
The
ADC32J4x
family
supports
JESD204B interface in order to reduce the number of
227 mW/Ch at 160 MSPS
interface lines, thus allowing high system integration
Channel Isolation: 105 dB
density. The JESD204B interface is a serial interface,
Internal Dither
where the data of each ADC are serialized and output
JESD204B Serial Interface:
over only one differential pair. An internal phase-
locked loop (PLL) multiplies the incoming ADC
Subclass 0, 1, 2 Compliant up to 3.2 Gbps
sampling clock by 20 to derive the bit clock, which is
Supports One Lane per ADC up to 160 MSPS
used to serialize the 14-bit data from each channel.
Support for Multichip Synchronization
The devices support subclass 1 with interface speeds
up to 3.2 Gbps.
Pin-to-Pin Compatible with 12-Bit Version
(ADC32J2X)
Device Information(1)
Package: VQFN-48 (7 mm × 7 mm)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC32J4x
VQFN (48)
7.00 mm × 7.00 mm
2 Applications
(1) For all available packages, see the package option addendum
Multi-Carrier, Multi-Mode Cellular Base Stations
at the end of the datasheet.
Radar and Smart Antenna Arrays
Munitions Guidance
Performance at fS = 160 MSPS, fIN = 10 MHz
Motor Control Feedback
(SNR = 72.5 dBFS, SFDR = 92 dBc)
Network and Vector Analyzers
Communications Test Equipment
Nondestructive Testing
Microwave Receivers
Software-Defined Radios (SDRs)
Quadrature and Diversity Radio Receivers
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC32J45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32J22 TI-ADC32J22 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J22IRGZR TI-ADC32J22IRGZR Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J22IRGZT TI-ADC32J22IRGZT Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J23 TI-ADC32J23 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
More results

Similar Description - ADC32J45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com