Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341A
Description  Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV341A Datasheet HTML 3Page - Texas Instruments TLV341A Datasheet HTML 4Page - Texas Instruments TLV341A Datasheet HTML 5Page - Texas Instruments TLV341A Datasheet HTML 6Page - Texas Instruments TLV341A Datasheet HTML 7Page - Texas Instruments TLV341A Datasheet HTML 8Page - Texas Instruments TLV341A Datasheet HTML 9Page - Texas Instruments TLV341A Datasheet HTML 10Page - Texas Instruments TLV341A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
TLV341, TLV341A, TLV342, TLV342S
www.ti.com
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Typical values represent the most likely parametric norm.
(2)
GND + 0.2 V
≤ VO ≤ V+ – 0.2 V
(3)
Connected as voltage follower with 2-VPP step input. Number specified is the slower of the positive and negative slew rates.
6.8 Electrical Characteristics: V+ = 5 V
V+ = 5 V, GND = 0 V, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted). See Shutdown Characteristics: V+ = 5 V.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(1)
MAX
UNIT
VIO
Input offset voltage
Standard grade
25°C
0.3
4
mV
Full range
4.5
A grade
25°C
0.3
1.25
0°C to 125°C
0.3
1.5
–40°C to 125°C
0.3
1.7
αVIO
Average temperature coefficient
of input offset voltage
Full range
1.9
μV/°C
IIB
Input bias current
25°C
1
200
pA
–40°C to 85°C
375
–40°C to 125°C
3000
IIO
Input offset current
25°C
6.6
fA
CMRR
Common-mode rejection ratio
0
≤ VICR ≤ 4.4 V
25°C
75
90
dB
Full range
70
kSVR
Supply-voltage rejection ratio
1.8 V
≤ V+ ≤ 5 V
25°C
75
95
dB
Full range
65
VICR
Common-mode input voltage
range
CMRR
≥ 70 dB
25°C
0
4.4
V
AV
Large-signal voltage gain(2)
RL = 10 kΩ to 2.5 V
25°C
80
110
dB
Full range
70
RL = 2 kΩ to 2.5 V
25°C
75
105
Full range
60
VO
Output swing
(delta from supply rails)
RL = 2 kΩ to 2.5 V
Low level
25°C
40
60
mV
Full range
85
High level
25°C
25
60
Full range
85
RL = 10 kΩ to 2.5 V
Low level
25°C
18
30
Full range
40
High level
25°C
7
15
Full range
20
ICC
Supply current (per channel)
25°C
75
150
μA
Full range
200
IOS
Output short-circuit current
Sourcing
25°C
60
113
mA
Sinking
80
115
SR
Slew rate
RL = 10 kΩ
(3)
25°C
1
V/
μs
GBW
Unity-gain bandwidth
RL = 10 kΩ, CL = 200 pF
25°C
2.3
MHz
φm
Phase margin
RL = 100 kΩ, CL = 200 pF
25°C
55
°
Gm
Gain margin
RL = 100 kΩ, CL = 200 pF
25°C
15
dB
Vn
Equivalent input noise voltage
f = 1 kHz
25°C
33
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25°C
0.001
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = 1, RL = 600 Ω,
VI = 1 VPP
25°C
0.012%


Similar Part No. - TLV341A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341A TI1-TLV341A Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341AIDBVR TI-TLV341AIDBVR Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV341A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com