Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ400A Datasheet(PDF) 3 Page - Olitech Electronics Co.Ltd

Part # SMBJ400A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

SMBJ400A Datasheet(HTML) 3 Page - Olitech Electronics Co.Ltd

  SMBJ400A Datasheet HTML 1Page - Olitech Electronics Co.Ltd SMBJ400A Datasheet HTML 2Page - Olitech Electronics Co.Ltd SMBJ400A Datasheet HTML 3Page - Olitech Electronics Co.Ltd SMBJ400A Datasheet HTML 4Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UNI BI
MIN
MAX
Maximum
Reverse
Leakage
IR @ VR
(μA)
Breakdown
Voltage
VBR
(Volts) @
IT
Test
Current
IT (mA)
Maximum
Clampin
g
Voltage
VC @ IPP
(Volts)
Maximum
Peak
Pulse
Current
IPP
(A)
Device
Marking
Code
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
VR
(Volts)
SMBJ78A
SMBJ78CA NT
DT 78
86.7
95.8
1
126
4.8
5
SMBJ85A
SMBJ85CA NV DV 85
94.4
104
1
137
4.4
5
SMBJ90A
SMBJ90CA NX DX 90
100
111
1
146
4.1
5
SMBJ100A SMBJ100CA NZ
DZ 100
111
123
1
162
3.7
5
SMBJ110A SMBJ110CA PE
EE
110
122
135
1
177
3.4
5
SMBJ120A SMBJ120CA PG
EG 120
133
147
1
193
3.1
5
SMBJ130A SMBJ130CA PK
EK 130
144
159
1
209
2.9
5
SMBJ150A SMBJ150CA PM EM 150
167
185
1
243
2.5
5
SMBJ160A SMBJ160CA PP
EP
160
178
197
1
259
2.3
5
SMBJ170A SMBJ170CA PR
ER 170
189
209
1
275
2.2
5
SMBJ180A SMBJ180CA PT
ET
180
201
222
1
292
2.1
5
SMBJ200A SMBJ200CA PV
EV 200
224
247
1
324
1.9
5
SMBJ220A SMBJ220CA PX
EX 220
246
272
1
356
1.7
5
SMBJ250A SMBJ250CA PZ
EZ
250
279
309
1
405
1.5
5
SMBJ300A SMBJ300CA QE
FE
300
335
371
1
486
1.3
5
SMBJ350A SMBJ350CA QG FG 350
391
432
1
567
1.1
5
SMBJ400A SMBJ400CA QK FK 400
447
494
1
648
0.9
5
SMBJ440A SMBJ440CA QM FM 440
492
543
1
713
0.9
5
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
NOTES:
1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent
2.Surge current waveform per Fig.3 and derated per Fig.2
3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled
4.All items and symbols are consistent with ANSI/IEEE C62.35
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.
Page: P4 - P3


Similar Part No. - SMBJ400A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ400A LITTELFUSE-SMBJ400A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Bourns Electronic Solut...
SMBJ400A BOURNS-SMBJ400A Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Formosa MS
SMBJ400A FORMOSA-SMBJ400A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Shanghai Yint Electroni...
SMBJ400A YINT-SMBJ400A Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Socay Electornics Co., ...
SMBJ400A SOCAY-SMBJ400A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ400A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com