Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLO85N10H Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HRLO85N10H
Description  Enhanced Avalanche Ruggedness
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLO85N10H Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HRLO85N10H Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLO85N10H Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLO85N10H Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLO85N10H Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLO85N10H Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLO85N10H Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLO85N10H Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,Fab 2016
Fab 2016
Absolute Maximum Ratings
T
J=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
100
V
V
GS
Gate-Source Voltage
±20
V
I
D
Drain Current
T
A = 25℃
14.0
A
T
A = 100℃
8.9
A
I
DM
Pulsed Drain Current
80
A
E
AS
Single Pulsed Avalanche Energy
L=0.1mH
80
mJ
P
D
Power Dissipation
T
A = 25℃
3.1
W
T
A = 70℃
2.0
W
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Lead
--
23
℃/W
RθJA
Junction-to-Ambient (t
≤10s)
--
40
℃/W
Junction-to-Ambient (steady state)
--
75
℃/W
 High Speed Power Switching, Logic Level
 Enhanced Body diode dv/dt capability
 Enhanced Avalanche Ruggedness
 100% UIS Tested, 100% Rg Tested
 Lead free, Halogen Free
SOP-8
Parameter
Value
Unit
BVDSS
100
V
ID
14
A
RDS(on), typ @10V
7.1
RDS(on), typ @4.5V
8.4
Key Parameters
Package & Internal Circuit
HRLO85N10H
100V N-Channel Trench MOSFET
Features
Application
 Synchronous Rectification in SMPS
 Hard Switching and High Speed Circuit
 DC/DC in Telecoms and Inductrial


Similar Part No. - HRLO85N10H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLO120N10H SEMIHOW-HRLO120N10H Datasheet
504Kb / 7P
   Enhanced Avalanche Ruggedness
HRLO125N06K SEMIHOW-HRLO125N06K Datasheet
214Kb / 7P
   Reliable and Rugged
HRLO180N10K SEMIHOW-HRLO180N10K Datasheet
241Kb / 7P
   High Dense Cell Design
HRLO250N10K SEMIHOW-HRLO250N10K Datasheet
252Kb / 7P
   High Dense Cell Design
HRLO48N06H SEMIHOW-HRLO48N06H Datasheet
510Kb / 7P
   60V N-Channel Trench MOSFET
More results

Similar Description - HRLO85N10H

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLO120N10H SEMIHOW-HRLO120N10H Datasheet
504Kb / 7P
   Enhanced Avalanche Ruggedness
HRP105N15H SEMIHOW-HRP105N15H Datasheet
171Kb / 7P
   Enhanced Avalanche Ruggedness
HRLP43N06H SEMIHOW-HRLP43N06H Datasheet
248Kb / 7P
   Enhanced Avalanche Ruggedness
HRLU85N10H SEMIHOW-HRLU85N10H Datasheet
279Kb / 7P
   Enhanced Avalanche Ruggedness
HRLU120N10H SEMIHOW-HRLU120N10H Datasheet
277Kb / 7P
   Enhanced Avalanche Ruggedness
HRLS43N06H SEMIHOW-HRLS43N06H Datasheet
199Kb / 7P
   Enhanced Avalanche Ruggedness
HRLU43N06H SEMIHOW-HRLU43N06H Datasheet
273Kb / 7P
   Enhanced Avalanche Ruggedness
HRS105N15H SEMIHOW-HRS105N15H Datasheet
175Kb / 7P
   Enhanced Avalanche Ruggedness
HRW105N15H SEMIHOW-HRW105N15H Datasheet
281Kb / 8P
   Enhanced Avalanche Ruggedness
HRLI43N06H SEMIHOW-HRLI43N06H Datasheet
290Kb / 7P
   Enhanced Avalanche Ruggedness
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com