Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLO125N06K Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HRLO125N06K
Description  Reliable and Rugged
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLO125N06K Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HRLO125N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLO125N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLO125N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLO125N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLO125N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLO125N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLO125N06K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
25
50
75
100
125
150
0
2
4
6
8
10
T
A, Ambient Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Note :
1. V
GS = 10 V
2. I
D = 10 A
T
J, Junction Temperature [
oC]
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10 us
10 ms
DC
1 ms
100 us
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
A = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]


Similar Part No. - HRLO125N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLO120N10H SEMIHOW-HRLO120N10H Datasheet
504Kb / 7P
   Enhanced Avalanche Ruggedness
More results

Similar Description - HRLO125N06K

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060ED KINGBRIGHT-WP4060ED Datasheet
321Kb / 6P
   Reliable and rugged
WP4060GD KINGBRIGHT-WP4060GD Datasheet
320Kb / 6P
   Reliable and rugged
WP4060SRD KINGBRIGHT-WP4060SRD Datasheet
319Kb / 6P
   Reliable and rugged
WP4060YD KINGBRIGHT-WP4060YD Datasheet
321Kb / 6P
   Reliable and rugged
logo
SamHop Microelectronics...
SDF04N40 SAMHOP-SDF04N40 Datasheet
196Kb / 11P
   Rugged and reliable
logo
SemiHow Co.,Ltd.
HRLE550P03K SEMIHOW-HRLE550P03K Datasheet
672Kb / 7P
   Reliable and Rugged
HRO400N10K SEMIHOW-HRO400N10K Datasheet
234Kb / 7P
   Reliable and Rugged
logo
SamHop Microelectronics...
SDF02N20 SAMHOP-SDF02N20 Datasheet
218Kb / 11P
   Rugged and reliable
SDF02N65 SAMHOP-SDF02N65 Datasheet
193Kb / 11P
   Rugged and reliable
SDF03N80 SAMHOP-SDF03N80 Datasheet
195Kb / 11P
   Rugged and reliable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com