Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B32X384 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B32X384
Description  3.3V, 20-Bit, 2-Port NanoSwitch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B32X384 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B32X384_06 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B32X384_06 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B32X384_06 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B32X384_06 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8336F
12/04/06
BEA
1
B0
2
A0
3
A1
4
B1
5
B2
6
A2
7
A3
8
B3
9
B4
10
A4
11
GND
12
BEC
13
B5
14
A5
15
A6
16
B6
17
B7
18
A7
19
A8
20
B8
21
B9
22
A9
23
GND
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VCC
B19
A19
A18
B18
B17
A17
A16
B16
B15
A15
BEB
VCC
B14
A14
A13
B13
B12
A12
A11
B11
B10
A10
BED
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.1µA typical)
– Ideally suited for notebook applications
• Fast Switching Speed: 4.5ns max.
• TTL-compatible control of input levels
• Packaging (pb-free & Green available):
– 48-pin 150-mil wide plastic BQSOP (B)
Block Diagram
Pin Configuration
Pin Description
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage level
Hi-Z = High Impedance
Description
Pericom Semiconductor’s PI3B32X384 is a 3.3V, 20-bit bus
switch designed with a low On-Resistance allowing inputs to be
connected directly to outputs. The bus switch creates no additional
propagational delay or additional ground bounce noise.The switches
are turned ON by the Bus Enable (BE) input signal. Four bus enable
signals are provided, one for each of the upper and lower five bits
of the two 10-bit buses.
PI3B32X384
3.3V, 20-Bit, 2-Port NanoSwitch™
BEB
BEA
A19
A15
B19
B15
A4
A0
B4
B0
BED
BEC
A14
A10
B14
B10
A9
A5
B9
B5
B
A
OE
SW
SW
SW
SW
SW
SW
SW
SW
SW
Function
BEA
BEB
B4-B0
B19-B15
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A4-A0
Hi-Z
Connect
H
L
Hi-Z
A19-A15
Connect
L
L
A4-A0
A19-A15
Function
BEC
BED
B9-B5
B14-B10
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A9-A5
Hi-Z
Connect
H
L
Hi-Z
A14-A10
Connect
L
L
A9-A5
A14-A10
Pin Name
Description
BEx
Bus Enable Inputs (Active LOW)
A19-A0
Bus A
B19-B0
Bus B
GND
Ground
Vcc
Power
06-0312


Similar Part No. - PI3B32X384_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X384B PERICOM-PI3B32X384B Datasheet
157Kb / 4P
   PI3B32X384 is a 3.3V 20-bit bus switch designed with a low On-Resistance allowing inputs to be connected directly to outputs
PI3B32X384BE PERICOM-PI3B32X384BE Datasheet
157Kb / 4P
   PI3B32X384 is a 3.3V 20-bit bus switch designed with a low On-Resistance allowing inputs to be connected directly to outputs
More results

Similar Description - PI3B32X384_06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com