Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B32X384BE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B32X384BE
Description  3.3V, 20-Bit, 2-Port NanoSwitch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B32X384BE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B32X384BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B32X384BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B32X384BE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B32X384BE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PI3B32X384
3.3V, 20-Bit, 2-Port NanoSwitch™
2
PS8336F
12/04/06
Storage Temperature ............................................................ –65°C to +150°C
Ambient Temperature with Power Applied............................ –40°C to +85°C
Supply Voltage to Ground Potential........................................–0.5V to +4.6V
DC Input Voltage.....................................................................–0.5V to +4.6V
DC Output Current............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
Notes:
1. This parameter is determined by device characterization but is not production tested.
2. Typical values are at V
CC = 3.3V, TA =25°C ambient and maximum loading.
3. Not more than one output should be sorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the lower of the volt-
ages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, T
A = –40°C to +85°C, VCC = 3.3V ±10%)
Capacitance (T
A = 25°C, f = 1 MHz)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at V
CC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the lower of the volt-
ages on the two (A,B) pins.
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
V
IH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
V
IL
Input LOW Voltage
Guaranteed Logic LOW Level
-0.5
0.8
V
I
IH
Input HIGH Current
V
CC = Max. VIN = VCC
——
±1
µA
I
IL
Input LOW Current
V
CC = Max. VIN = GND
±1
µA
I
OZH
High-Impedance Output Current
0 ≤ A, B ≤ V
CC
——
±1
µA
V
IK
Clamp Diode Voltage
V
CC = Min. IIN = -18mA
-1.2
V
R
ON
Switch ON Resistance(4)
V
CC = Min. VIN = 0.0V
I
ON = 15mA
—5
8
Ω
V
CC = Min. VIN = 2.4V
I
ON = 15mA
—10
17
Parameters
Description
Test Conditions
Typ
Max.
Units
C
IN
INput Capacitance
V
IN = 0V
3.0
pF
C
OFF
A/B Capacitance, Switch Off
V
IN = 0V
8.0
pF
C
ON
A/B Capacitance, Switch On
V
IN = 0V
16.0
pF
06-0312


Similar Part No. - PI3B32X384BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X384BE PERICOM-PI3B32X384BE Datasheet
157Kb / 4P
   PI3B32X384 is a 3.3V 20-bit bus switch designed with a low On-Resistance allowing inputs to be connected directly to outputs
More results

Similar Description - PI3B32X384BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com