Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3861QE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3861QE
Description  3.3V, 10-Bit, 2-Port, NanoSwitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3861QE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3861QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3861QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3861QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3861QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3861QE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.pericom.com
PS8148i
09/24/10
All trademarks are property of their respective owners.
PI3B3861
Block Diagram
BE
A9
A0
B9
B0
A
B
BE
SW
SW
SW
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
GND
Vcc
BE
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
Description
Pericom Semiconductor’s PI3B3861 is a 10-bit, 3.3 volt, 2-port
bus switch designed with a low On-Resistance (5-ohm) allowing
inputs to be connected directly to outputs. The bus switch
creates no additional propagational delay or additional ground
bounce noise. The switches are turned ON by the Bus Enable
(BE) input signal.
Features
Î
Near-Zero propagation delay
Î
5-ohm switches connect inputs to outputs
Î
Fast Switching Speed: 4.5ns (max.)
Î
Ultra Low Quiescent Power (0.1μA typical)
à
Ideally suited for notebook applications
Î
Packaging (Pb-free & Green):
à
24-pin 150-mil wide plastic QSOP (Q)
3.3V, 10-Bit, 2-Port, NanoSwitchTM
Pin Description
Pin Name Description
BE
Bus Enable Input (Active LOW)
A0-9
Bus A
B0-9
Bus B
GND
Ground
VCC
Power
Truth Table(1)
Function
BE
A0–9
Disconnect
H
Hi-Z
Connect
L
B0–9
Note:
H
= High Voltage Level
L
= Low Voltage Level
Hi-Z
= High Impedance
11-0003


Similar Part No. - PI3B3861QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3861QE PERICOM-PI3B3861QE Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
More results

Similar Description - PI3B3861QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
   3.3V, 20-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com