Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPZ1R0MGR Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPZ1R0MGR
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPZ1R0MGR Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH3NPZ1R0MGR Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPZ1R0MGR Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH3NPZ1R0MGR#
# indicates a package specification code.
< List of part numbers with package codes >
LQH3NPZ1R0MGRL
Shape
L size
3.0 ±0.1mm
W size
3.0 ±0.1mm
T size
0.9 ±0.1mm
Size code in inch (mm)
1212 (3030)
Specifications
Inductance
1.0µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance
change)
1700mA
Rated current (Itemp) (Based on Temperature
rise)
2080mA(Ambient temperature
85℃)
1240mA(Ambient temperature
105℃)
Max. of DC resistance
0.0744Ω
Avg. of DC resistance
0.062Ω±20%
Self resonance frequency (min.)
100MHz
Operating temperature range (Self-temperature
rise is included)
-40∼125℃
Operating temperature range (Self-temperature
rise is not included)
-40∼105℃
Class of magnetic shield
Magnetic shield of magnetic
powder in resin
Notes
When applied Rated current to the Products, Inductance will be within ±30% of
initial inductance value range.
Keep the temperature (ambient temperature plus self-generation of heat) under
125℃.
When applied Rated current to the Products ,temperature rise caused by
self-generated heat shall be limited to 40℃ max.(Ambient temperature 85℃).
When applied Rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 20℃max.(Ambient temperature 85 to 105℃)
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
3000
Mass (Typ.)
1 piece
0.034g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQH3NPZ1R0MGR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPZ1R0MJR MURATA-LQH3NPZ1R0MJR Datasheet
86Kb / 2P
   Inductance
LQH3NPZ1R0MJRL MURATA-LQH3NPZ1R0MJRL Datasheet
86Kb / 2P
   Inductance
LQH3NPZ1R0MME MURATA-LQH3NPZ1R0MME Datasheet
90Kb / 2P
   Inductor Data Sheet
LQH3NPZ1R0MMEL MURATA-LQH3NPZ1R0MMEL Datasheet
90Kb / 2P
   Inductor Data Sheet
More results

Similar Description - LQH3NPZ1R0MGR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com