Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-10 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # TGL41-10
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL41-10 Datasheet(HTML) 3 Page - Diotec Semiconductor

  TGL41-10 Datasheet HTML 1Page - Diotec Semiconductor TGL41-10 Datasheet HTML 2Page - Diotec Semiconductor TGL41-10 Datasheet HTML 3Page - Diotec Semiconductor TGL41-10 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
07.01.2003
TGL 41-6.8 ... TGL 41-200CA
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at I
T = 1 mA
Abbruch-Spanng. bei I
T = 1 mA
*) at / bei I
T = 10 mA
Stand-off
voltage
Sperrspg.
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Max. clamping voltage
Max. Begrenzerspanng.
at / bei I
PPM (10/1000
:s)
V
BR [V]
V
WM [V]
I
D [
:A]
V
C [V]
I
PPM [A]
TGL 41-43
43 ± 10%
38.7...47.3
34.8
5
61.9
6.7
TGL 41-43A
43 ± 5%
40.9...45.2
36.8
5
59.3
7.0
TGL 41-47
47 ± 10%
42.3...51.7
38.1
5
67.8
6.2
TGL 41-47A
47 ± 5%
44.7...49.4
40.2
5
64.8
6.4
TGL 41-51
51 ± 10%
45.9...56.1
41.3
5
73.5
5.7
TGL 41-51A
51 ± 5%
48.5...53.6
43.6
5
70.1
6.0
TGL 41-56
56 ± 10%
50.4...61.6
45.4
5
80.5
5.2
TGL 41-56A
56 ± 5%
53.2...58.8
47.8
5
77.0
5.4
TGL 41-62
62 ± 10%
55.8...68.8
50.2
5
89.0
4.7
TGL 41-62A
62 ± 5%
58.9...65.1
53.0
5
85.0
5.0
TGL 41-68
68 ± 10%
61.2...74.8
55.1
5
98.0
4.2
TGL 41-68A
68 ± 5%
64.6...71.4
58.1
5
92.0
4.5
TGL 41-75
75 ± 10%
67.5...82.5
60.7
5
108
3.8
TGL 41-75A
75 ± 5%
71.3...78.8
64.1
5
103
4.0
TGL 41-82
82 ± 10%
73.8...90.2
66.4
5
118
3.5
TGL 41-82A
82 ± 5%
77.9...86.1
70.1
5
113
3.7
TGL 41-91
91 ± 10%
81.9...100
73.7
5
131
3.2
TGL 41-91A
91 ± 5%
86.5...95.5
77.8
5
125
3.3
TGL 41-100
100 ± 10%
90.0...110
81.0
5
144
2.9
TGL 41-100A
100 ± 5%
95.0...105
85.5
5
137
3.0
TGL 41-110
110 ± 10%
99.0...121
89.2
5
158
2.6
TGL 41-110A
110 ± 5%
105...116
94.0
5
152
2.7
TGL 41-120
120 ± 10%
108...132
97.2
5
173
2.4
TGL 41-120A
120 ± 5%
114...126
102
5
165
2.5
TGL 41-130
130 ± 10%
117...143
105
5
187
2.2
TGL 41-130A
130 ± 5%
124...137
111
5
179
2.3
TGL 41-150
150 ± 10%
135...165
121
5
215
1.9
TGL 41-150A
150 ± 5%
143...158
128
5
207
2.0
TGL 41-160
160 ± 10%
144...176
130
5
230
1.8
TGL 41-160A
160 ± 5%
152...168
136
5
219
1.9
TGL 41-170
170 ± 10%
153...187
138
5
244
1.7
TGL 41-170A
170 ± 5%
162...179
145
5
234
1.8
TGL 41-180
180 ± 10%
162...198
146
5
258
1.6
TGL 41-180A
180 ± 5%
171...189
154
5
246
1.7
TGL 41-200
200 ± 10%
180...220
162
5
287
1.4
TGL 41-200A
200 ± 5%
190...210
171
5
274
1.5
For bidirectional types (suffix “C” or “CA”) electrical characteristics apply in both directions
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die el. Werte in beiden Richtungen


Similar Part No. - TGL41-10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TGL41-10 MICROSEMI-TGL41-10 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-10 MICROSEMI-TGL41-10 Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-10 VISHAY-TGL41-10 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-10 DIOTEC-TGL41-10 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
TGL41-10 SEMIKRON-TGL41-10 Datasheet
244Kb / 3P
   Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - TGL41-10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com