Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z18 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MM5Z18
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MM5Z18 Datasheet(HTML) 1 Page - Nanjing International Group Co

  MM5Z18 Datasheet HTML 1Page - Nanjing International Group Co MM5Z18 Datasheet HTML 2Page - Nanjing International Group Co MM5Z18 Datasheet HTML 3Page - Nanjing International Group Co MM5Z18 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MM5Z2V0~MM5Z75
SILICON PLANAR ZENER DIODES
Features
• Standard Zener Breakdown Voltage Range
2.0 V to 75 V
• Steady State Power Rating of 200 mW
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Total Device Dissipaton
Ptot
200
mW
Junction and Storage Temperature Range
Tj , Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-523 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - MM5Z18

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z18 SEMTECH_ELEC-MM5Z18 Datasheet
266Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z18 HTSEMI-MM5Z18 Datasheet
639Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z18 DGNJDZ-MM5Z18 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Sangdest Microelectroni...
MM5Z18 SMC-MM5Z18 Datasheet
103Kb / 4P
   ZENER DIODES
logo
Diotec Semiconductor
MM5Z18 DIOTEC-MM5Z18 Datasheet
156Kb / 3P
   SMD Planar Zener Diodes
More results

Similar Description - MM5Z18

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com