Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z33 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MM1Z33
Description  Silicon Planar Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MM1Z33 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MM1Z33 Datasheet HTML 1Page - Nanjing International Group Co MM1Z33 Datasheet HTML 2Page - Nanjing International Group Co MM1Z33 Datasheet HTML 3Page - Nanjing International Group Co MM1Z33 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM1Z2V0~MM1Z75
Characteristics at Ta = 25 OC
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
2)
Reverse Leakage Current
Vznom
V
lZT for
VZT
ZZT (Max.)
at IZ
IR (Max.)
at VR
mA
V
mA
μA
V
MM1Z2V0
4A
2.0
5
1.8...2.15
100
5
120
0.5
MM1Z2V2
4B
2.2
5
2.08...2.33
100
5
120
0.7
MM1Z2V4
4C
2.4
5
2.28...2.56
100
5
120
1
MM1Z2V7
4D
2.7
5
2.5...2.9
110
5
120
1
MM1Z3V0
4E
3.0
5
2.8...3.2
120
5
50
1
MM1Z3V3
4F
3.3
5
3.1...3.5
130
5
20
1
MM1Z3V6
4H
3.6
5
3.4...3.8
130
5
10
1
MM1Z3V9
4J
3.9
5
3.7...4.1
130
5
5
1
MM1Z4V3
4K
4.3
5
4...4.6
130
5
5
1
MM1Z4V7
4M
4.7
5
4.4...5
130
5
2
1
MM1Z5V1
4N
5.1
5
4.8...5.4
130
5
2
1.5
MM1Z5V6
4P
5.6
5
5.2...6
80
5
1
2.5
MM1Z6V2
4R
6.2
5
5.8...6.6
50
5
1
3
MM1Z6V8
4X
6.8
5
6.4...7.2
30
5
0.5
3.5
MM1Z7V5
4Y
7.5
5
7...7.9
30
5
0.5
4
MM1Z8V2
4Z
8.2
5
7.7...8.7
30
5
0.5
5
MM1Z9V1
5A
9.1
5
8.5...9.6
30
5
0.5
6
MM1Z10
5B
10
5
9.4...10.6
30
5
0.1
7
MM1Z11
5C
11
5
10.4...11.6
30
5
0.1
8
MM1Z12
5D
12
5
11.4...12.7
35
5
0.1
9
MM1Z13
5E
13
5
12.4...14.1
35
5
0.1
10
MM1Z15
5F
15
5
13.8...15.6
40
5
0.1
11
MM1Z16
5H
16
5
15.3...17.1
40
5
0.1
12
MM1Z18
5J
18
5
16.8...19.1
45
5
0.1
13
MM1Z20
5K
20
5
18.8...21.2
50
5
0.1
15
MM1Z22
5M
22
5
20.8...23.3
55
5
0.1
17
MM1Z24
5N
24
5
22.8...25.6
60
5
0.1
19
MM1Z27
5P
27
5
25.1...28.9
70
2
0.1
21
MM1Z30
5R
30
5
28...32
80
2
0.1
23
MM1Z33
5X
33
5
31...35
80
2
0.1
25
MM1Z36
5Y
36
5
34...38
90
2
0.1
27
MM1Z39
5Z
39
2.5
37...41
100
2
2
30
MM1Z43
6A
43
2.5
40...46
130
2
2
33
MM1Z47
6B
47
2.5
44...50
150
2
2
36
MM1Z51
6C
51
2.5
48...54
180
2
1
39
MM1Z56
6D
56
2.5
52...60
180
2
1
43
MM1Z62
6E
62
2.5
58...66
200
2
0.2
47
MM1Z68
6F
68
2.5
64...72
250
2
0.2
52
MM1Z75
6H
75
2.5
70...79
300
2
0.2
57
1) V
Z is tested with pulses (20 ms).
2) Z
ZT is measured at IZ by given a very small A.C. current signal.


Similar Part No. - MM1Z33

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z33 EIC-MM1Z33 Datasheet
108Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MM1Z33 SEMTECH_ELEC-MM1Z33 Datasheet
272Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z33 HTSEMI-MM1Z33 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
MM1Z33 CHENDA-MM1Z33 Datasheet
890Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
MM1Z33 YFWDIODE-MM1Z33 Datasheet
476Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1Z33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com