Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT8050-1.5A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MMBT8050-1.5A
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMBT8050-1.5A Datasheet(HTML) 1 Page - Nanjing International Group Co

  MMBT8050-1.5A Datasheet HTML 1Page - Nanjing International Group Co MMBT8050-1.5A Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBT8050 (1.5A)
NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications. Especially
suitable for AF-driver stages and low power output
stages.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
25
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
1.5
A
Power Dissipation
Ptot
350
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA
at VCE = 1 V, IC = 800 mA
MMBT8050C
MMBT8050D
hFE
hFE
hFE
100
160
40
250
400
-
-
-
-
Collector Base Cutoff Current
at VCB = 35 V
ICBO
-
100
nA
Emitter Base Cutoff Current
at VEB = 6 V
IEBO
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
40
-
V
Collector Emitter Breakdown Voltage
at IC = 2 mA
V(BR)CEO
25
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at IC = 800 mA, IB = 80 mA
VCE(sat)
-
0.5
V
Base Emitter Saturation Voltage
at IC = 800 mA, IB = 80 mA
VBE(sat)
-
1.2
V
Base Emitter Voltage
at VCE = 1 V, IC = 10 mA
VBE(on)
-
1
V
Gain Bandwidth Product
at VCE = 10 V, IC = 50 mA
fT
120
-
MHz
SOT-23 Plastic Package


Similar Part No. - MMBT8050-1.5A

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
MMBT8050-1.5A PJSEMI-MMBT8050-1.5A Datasheet
1Mb / 3P
   NPN Transistor
More results

Similar Description - MMBT8050-1.5A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com