Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1190 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 1N1190
Description  Silicon-Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N1190 Datasheet(HTML) 2 Page - Diotec Semiconductor

  1N1190 Datasheet HTML 1Page - Diotec Semiconductor 1N1190 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
F:\Data\WP\DatBlatt\Einzelblätter\1n1183_pby301.wpd
1N 1183 ... 1N 1190, 1N 3766, 1N 3768
PBY 301 ... PBY 307
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 100 A
V
F
< 1.5 V
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 500
:A
Thermal resistance junction to stud
R
thC
< 1 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Recommended mounting torque
26 ± 10% lb.in.
Empfohlenes Anzugsdrehmoment
3 ± 10% Nm


Similar Part No. - 1N1190

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1190 MICROSEMI-1N1190 Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N1190 GENESIC-1N1190 Datasheet
724Kb / 3P
   Silicon Standard Recovery Diode
logo
Microsemi Corporation
1N1190 MICROSEMI-1N1190 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
GeneSiC Semiconductor, ...
1N1190 GENESIC-1N1190 Datasheet
769Kb / 3P
   Silicon Standard Recovery Diode
logo
International Rectifier
1N1190 IRF-1N1190 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
More results

Similar Description - 1N1190

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
Edal Industries, Inc.
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
logo
Edal Industries, Inc.
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
   Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
   Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
logo
Edal Industries, Inc.
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
   Silicon Avalanche Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com