Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6B03G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS6B03G
Description  6A, 50V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS6B03G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS6B03G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS6B03G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS6B03G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS6B03G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 50V (TS6B01G) to 1000V (TS6B07G)
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1311040
Version: E15
TS6B01G
TS6B01GHC2G
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
HC2
G
AEC-Q101 qualified
Green compound
TS4B
20 / Tube
X0
TS4B
Forming
D2
TS4B
20 / Tube
TS6B01G - TS6B07G
Taiwan Semiconductor
PART NO.
SUFFIX
ORDERING INFORMATION
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
H
C2
G
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
PREFERRED P/N
TS6B0xG
(Note 1)
0
1
2
3
4
5
6
7
0
50
100
150
CASE TEMPERATURE. (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60Hz
FIG.3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=100°C
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle


Similar Part No. - TS6B03G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6B03G TSC-TS6B03G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6B03G TSC-TS6B03G Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Guangdong Kexin Industr...
TS6B03G KEXIN-TS6B03G Datasheet
688Kb / 2P
   Rectifier Diodes
logo
Taiwan Semiconductor Co...
TS6B03G TSC-TS6B03G Datasheet
218Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - TS6B03G

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
D6JB05 SECOS-D6JB05 Datasheet
394Kb / 2P
   50V ~ 1000V, 6A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS6P01G-K TSC-TS6P01G-K Datasheet
313Kb / 6P
   6A, 50V - 1000V Glass Passivated Bridge Rectifier
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G_16 Datasheet
206Kb / 4P
   20A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com