Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRD25-D48-S3 Datasheet(PDF) 1 Page - CUI INC

Part # PRD25-D48-S3
Description  DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25-D48-S3 Datasheet(HTML) 1 Page - CUI INC

  PRD25-D48-S3 Datasheet HTML 1Page - CUI INC PRD25-D48-S3 Datasheet HTML 2Page - CUI INC PRD25-D48-S3 Datasheet HTML 3Page - CUI INC PRD25-D48-S3 Datasheet HTML 4Page - CUI INC PRD25-D48-S3 Datasheet HTML 5Page - CUI INC PRD25-D48-S3 Datasheet HTML 6Page - CUI INC PRD25-D48-S3 Datasheet HTML 7Page - CUI INC PRD25-D48-S3 Datasheet HTML 8Page - CUI INC PRD25-D48-S3 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
cui.com
date 05/20/2016
page 1 of 13
SERIES: PRD25
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 25 W isolated output
• industry standard 1” x 1” package
• 2:1 input range
• low ripple & noise
• over voltage, over current, short circuit, and over
temperature protections
• remote on/off control
• output trim
• -40 to 85°C temperature range
• efficiency up to 91%
• UL/cUL safety approval
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PRD25-D48-S3
48
36~75
3.3
0.75
7.5
25
80
89.5
PRD25-D48-S5
48
36~75
5
0
5
25
80
91
PRD25-D48-S12
48
36~75
12
0
2.1
25.2
120
87.5
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,inputterminatedwitha4.7μFcapacitor.Outputterminatedwith1μFand10μFlowESRcapacitors.
2.AllspecificationsaremeasuredatTa=25°C,nominalinputvoltage,andratedoutputloadunlessotherwisespecified.Allmodelsaretestedandspecifiedwitha4.7μF
ontheinput,andwith1μFand10μFlowESRcapacitorsontheoutput.
PART NUMBER KEY
Base Number
Packaging Style:
D=DIP
M=SMT
PRD25 - DXX - SXX - X - X - X
OutputVoltage
InputVoltage
RemoteOn/OffControl:
P=positivelogic
N=negativelogic
PackageOptions:
“blank”=standard
(through hole
models only)
TR=Tape&Reel
(SMTmodelsonly)
For more information, please visit the product page.


Similar Part No. - PRD25-D48-S3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-120 MACOM-PRD-11AG0-120 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-24 MACOM-PRD-11AG0-24 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results

Similar Description - PRD25-D48-S3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com