Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRD15-Q48-S12 Datasheet(PDF) 3 Page - CUI INC

Part # PRD15-Q48-S12
Description  DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-Q48-S12 Datasheet(HTML) 3 Page - CUI INC

  PRD15-Q48-S12 Datasheet HTML 1Page - CUI INC PRD15-Q48-S12 Datasheet HTML 2Page - CUI INC PRD15-Q48-S12 Datasheet HTML 3Page - CUI INC PRD15-Q48-S12 Datasheet HTML 4Page - CUI INC PRD15-Q48-S12 Datasheet HTML 5Page - CUI INC PRD15-Q48-S12 Datasheet HTML 6Page - CUI INC PRD15-Q48-S12 Datasheet HTML 7Page - CUI INC PRD15-Q48-S12 Datasheet HTML 8Page - CUI INC PRD15-Q48-S12 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
cui.com
date 03/28/2016
│ page 3 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
auto restart
PRD15-Q24-S3
PRD15-Q24-S5
PRD15-Q24-S12
PRD15-Q24-S15
PRD15-Q48-S3
PRD15-Q48-S5
PRD15-Q48-S12
PRD15-Q48-S15
4.5
5.9
14.1
19.5
3.9
5.9
15
20
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
current limiting, auto restart
PRD15-Q24-S3
PRD15-Q24-S5
PRD15-Q24-S12
PRD15-Q24-S15
PRD15-Q48-S3
PRD15-Q48-S5
PRD15-Q48-S12
PRD15-Q48-S15
6.0
4.6
2.0
1.6
7.2
4.5
1.8
1.7
A
A
A
A
A
A
A
A
short circuit protection
current limiting, hiccup auto restart
0.3
A
over temperature protection
PRD15-Q48-S12
all other models
135
115
°C
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, basic insulation
24 Vdc input models
48 Vdc input models
2,000
2,250
Vdc
Vdc
isolation resistance
10
MΩ
isolation capacitance
PRD15-Q24-S5, PRD15-Q24-S15, PRD15-Q48-S3
all other models
1,500
1,000
pF
pF
safety approvals
UL60950-1,2ndEdition
LVD1
2006/95/EC(CEmark)
MTBF
asperTelcordiaSR-332Method1,Case3,ground
fixedconditions,Tpcboard=25°C,fullload,
natural air convection.
2,000,000
hours
RoHS
2011/65/EU
Note:
1.CEmarkonlyon48Vdcinputmodels.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
For more information, please visit the product page.


Similar Part No. - PRD15-Q48-S12

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRD15-Q48-S12 CUI-PRD15-Q48-S12 Datasheet
840Kb / 14P
   DC-DC CONVERTER
More results

Similar Description - PRD15-Q48-S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com