Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B380FD Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # B380FD
Description  Fast Switching Si-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B380FD Datasheet(HTML) 1 Page - Diotec Semiconductor

  B380FD Datasheet HTML 1Page - Diotec Semiconductor B380FD Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if the temperature of the terminals is kept to 100
/C
Gültig, wenn die Temperatur der Anschlüsse auf 100
/C gehalten wird
1
11.02.2003
B 40FD … B 380FD
Fast Switching Si-Bridge Rectifiers
Schnelle Si-Brückengleichrichter
Nominal current – Nennstrom
1 A
Alternating input voltage
40…380 V
Eingangswechselspannung
DIL-plastic case
8.3 x 6.4 x 3.1 [mm]
DIL-Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: plastic tubes
see page 22
Standard Lieferform: Plastik-Schienen siehe Seite 22
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Alternating input voltage
Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
B 40FD
40
80
B 80FD
80
160
B 125FD
125
250
B 250FD
250
600
B 380FD
380
800
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
40 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t8 A2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C


Similar Part No. - B380FD

ManufacturerPart #DatasheetDescription
logo
Semikron International
B380FD SEMIKRON-B380FD Datasheet
161Kb / 2P
   Fast Switching Si-Bridge Rectifiers
logo
Diotec Semiconductor
B380FD DIOTEC-B380FD Datasheet
128Kb / 2P
   Fast Switching Si-Bridge-Rectifiers
More results

Similar Description - B380FD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FD DIOTEC-B40FD_09 Datasheet
128Kb / 2P
   Fast Switching Si-Bridge-Rectifiers
logo
Semikron International
B40FD SEMIKRON-B40FD Datasheet
161Kb / 2P
   Fast Switching Si-Bridge Rectifiers
logo
Diotec Semiconductor
S40F DIOTEC-S40F Datasheet
113Kb / 2P
   Fast Switching Surface Mount Si-Bridge-Rectifiers
logo
Semikron International
B40FS SEMIKRON-B40FS Datasheet
165Kb / 2P
   Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40FS DIOTEC-B40FS_10 Datasheet
120Kb / 2P
   Fast switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS Datasheet
140Kb / 2P
   Fast Switching Surface Mount Si-Bridge Rectifiers
D-BY228G DIOTEC-D-BY228G_11 Datasheet
96Kb / 2P
   Fast Switching Si-Rectifiers
D-BY228G DIOTEC-D-BY228G Datasheet
69Kb / 2P
   Fast Switching Si-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
   "Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
   Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com