Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB9.1A Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # P6SMB9.1A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

P6SMB9.1A Datasheet(HTML) 3 Page - Nanjing International Group Co

  P6SMB9.1A Datasheet HTML 1Page - Nanjing International Group Co P6SMB9.1A Datasheet HTML 2Page - Nanjing International Group Co P6SMB9.1A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB120
P6SMB120C
120
120C
97.2
108
132
1.0
173
3.5
5.0
P6SMB120A P6SMB120CA
120A
120CA
102
114
126
1.0
165
3.6
5.0
P6SMB130
P6SMB130C
130
130C
105
117
143
1.0
187
3.2
5.0
P6SMB130A P6SMB130CA
130A
130CA
111
124
137
1.0
179
3.4
5.0
P6SMB150
P6SMB150C
150
150C
121
135
165
1.0
215
2.8
5.0
P6SMB150A P6SMB150CA
150A
150CA
128
143
158
1.0
207
2.9
5.0
P6SMB160
P6SMB160C
160
160C
130
144
176
1.0
230
2.6
5.0
P6SMB160A P6SMB160CA
160A
160CA
136
152
168
1.0
219
2.7
5.0
P6SMB170
P6SMB170C
170
170C
138
153
187
1.0
244
2.5
5.0
P6SMB170A P6SMB170CA
170A
170CA
145
162
179
1.0
234
2.6
5.0
P6SMB180
P6SMB180C
180
180C
146
162
198
1.0
258
2.3
5.0
P6SMB180A P6SMB180CA
180A
180CA
154
171
189
1.0
246
2.4
5.0
P6SMB200
P6SMB200C
200
200C
162
180
220
1.0
287
2.1
5.0
P6SMB200A P6SMB200CA
200A
200CA
171
190
210
1.0
274
2.2
5.0
P6SMB220
P6SMB220C
220
220C
175
198
242
1.0
344
1.7
5.0
P6SMB220A P6SMB220CA
220A
220CA
185
209
231
1.0
328
1.8
5.0
P6SMB250
P6SMB250C
250
250C
202
225
275
1.0
360
1.7
5.0
P6SMB250A P6SMB250CA
250A
250CA
214
237
263
1.0
344
1.7
5.0
P6SMB300
P6SMB300C
300
300C
243
270
330
1.0
430
1.4
5.0
P6SMB300A P6SMB300CA
300A
300CA
256
285
315
1.0
414
1.4
5.0
P6SMB350
P6SMB350C
350
350C
284
315
385
1.0
504
1.2
5.0
P6SMB350A P6SMB350CA
350A
350CA
300
333
368
1.0
482
1.2
5.0
P6SMB400
P6SMB400C
400
400C
324
360
440
1.0
574
1.0
5.0
P6SMB400A P6SMB400CA
400A
400CA
342
380
420
1.0
548
1.1
5.0
P6SMB440
P6SMB440C
440
440C
356
396
484
1.0
631
0.95
5.0
P6SMB440A P6SMB440CA
440A
440CA
376
418
462
1.0
602
1.0
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
P6SMB
SERIES


Similar Part No. - P6SMB9.1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB9.1A VISHAY-P6SMB9.1A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
logo
Central Semiconductor C...
P6SMB9.1A CENTRAL-P6SMB9.1A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Yangzhou yangjie electr...
P6SMB9.1A YANGJIE-P6SMB9.1A Datasheet
187Kb / 4P
   Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
P6SMB9.1A EIC-P6SMB9.1A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
P6SMB9.1A VISHAY-P6SMB9.1A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - P6SMB9.1A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com