Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB68 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # P6SMB68
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

P6SMB68 Datasheet(HTML) 1 Page - Nanjing International Group Co

  P6SMB68 Datasheet HTML 1Page - Nanjing International Group Co P6SMB68 Datasheet HTML 2Page - Nanjing International Group Co P6SMB68 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ 600 Watt Peak Power
■ Dimension
Dim
Millimeters
Inches
Min
Max
Min
Max
A
4.06
4.57
0.160
0.180
B
3.30
3.94
0.130
0.155
C
1.95
2.20
0.077
0.086
D
0.125
0.305
0.006
0.012
E
5.21
5.59
0.205
0.220
F
----
0.203
----
0.008
G
2.13
2.44
0.084
0.096
H
0.76
1.52
0.030
0.060
SMB (DO-214AA)
■ Specification
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB6.8
P6SMB6.8C
6V8
6V8C
5.50
6.12
7.48
10.0
10.8
55.6
1000.0
P6SMB6.8A
P6SMB6.8CA
6V8A
6V8CA
5.80
6.45
7.14
10.0
10.5
57.1
1000.0
P6SMB7.5
P6SMB7.5C
7V5
7V5C
6.05
6.75
8.25
10.0
11.7
51.3
500.0
P6SMB7.5A
P6SMB7.5CA
7V5A
7V5CA
6.40
7.13
7.88
10.0
11.3
53.1
500.0
P6SMB8.2
P6SMB8.2C
8V2
8V2C
6.63
7.38
9.02
10.0
12.5
48.0
200.0
P6SMB8.2A
P6SMB8.2CA
8V2A
8V2CA
7.02
7.79
8.61
10.0
12.1
49.6
200.0
P6SMB9.1
P6SMB9.1C
9V1
9V1C
7.37
8.19
10.0
1.0
13.8
43.5
50.0
P6SMB9.1A
P6SMB9.1CA
9V1A
9V1CA
7.78
8.65
9.55
1.0
13.4
44.8
50.0
P6SMB10
P6SMB10C
10
10C
8.10
9.00
11.0
1.0
15.0
40.0
10.0
P6SMB10A
P6SMB10CA
10A
10CA
8.55
9.50
10.5
1.0
14.5
41.4
10.0
P6SMB11
P6SMB11C
11
11C
8.92
9.90
12.1
1.0
16.2
37.0
5.0
P6SMB11A
P6SMB11CA
11A
11CA
9.40
10.5
11.6
1.0
15.6
38.5
5.0
P6SMB12
P6SMB12C
12
12C
9.72
10.8
13.2
1.0
17.3
34.7
5.0
P6SMB12A
P6SMB12CA
12A
12CA
10.2
11.4
12.6
1.0
16.7
35.9
5.0
P6SMB13
P6SMB13C
13
13C
10.5
11.7
14.3
1.0
19.0
31.6
5.0
P6SMB13A
P6SMB13CA
13A
13CA
11.1
12.4
13.7
1.0
18.2
33.0
5.0
P6SMB15
P6SMB15C
15
15C
12.1
13.5
16.5
1.0
22.0
27.3
5.0
P6SMB15A
P6SMB15CA
15A
15CA
12.8
14.3
15.8
1.0
21.2
28.3
5.0
P6SMB16
P6SMB16C
16
16C
12.9
14.4
17.6
1.0
23.5
25.5
5.0
P6SMB16A
P6SMB16CA
16A
16CA
13.6
15.2
16.8
1.0
22.5
26.7
5.0
P6SMB18
P6SMB18C
18
18C
14.5
16.2
19.8
1.0
26.5
22.6
5.0
P6SMB18A
P6SMB18CA
18A
18CA
15.3
17.1
18.9
1.0
25.2
23.8
5.0
P6SMB20
P6SMB20C
20
20C
16.2
18.0
22.0
1.0
29.1
20.6
5.0
P6SMB20A
P6SMB20CA
20A
20CA
17.1
19.0
21.0
1.0
27.7
21.7
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB
SERIES


Similar Part No. - P6SMB68

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB68 MOTOROLA-P6SMB68 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6SMB68 SUNMATE-P6SMB68 Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB68 TSC-P6SMB68 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
P6SMB68 HORNBY-P6SMB68 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB68 TSC-P6SMB68 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB68

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com