Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4227 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4227
Description  Wi-Fi Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4227 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4227 Datasheet HTML 1Page - RF Micro Devices RFFM4227 Datasheet HTML 2Page - RF Micro Devices RFFM4227 Datasheet HTML 3Page - RF Micro Devices RFFM4227 Datasheet HTML 4Page - RF Micro Devices RFFM4227 Datasheet HTML 5Page - RF Micro Devices RFFM4227 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RFFM4227
Wi-Fi Low Noise Amplifier
Data Sheet Rev.C, May 10, 2016 | Subject to change without notice
- 2 of 6 -
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Frequency
2400
2500
MHz
Operating Temperature
−40
+85
°C
Power Supply Voltage VCC
3
5
6
V
Control Voltage - High
2.8
3.1
3.3
V
Control Voltage
– Low
0
0.2
V
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
DC Supply Voltage (No RF Applied)
−0.3 to +5.5 VDC
Control Voltage
-0.5 to +4 VDC
Storage Temperature
−40 to +150 °C
RF Input Power into
50 Ω Load for 802.11b/g/n
in LNA On Mode (No Damage)
+20 dBm
RF Input Power into
50 Ω Load for 802.11b/g/n
in Bypass Mode (No Damage)
+30 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
Min
Typ
Max
Units
LNA MODE
Unless otherwise noted: VCC
= 3.3V, T = +25 °C, CTRL = High
Noise Figure
1.3
1.6
dB
Small Signal Gain
14
15
dB
Gain Flatness Across any 40 MHz
Channel
-0.2
0.2
dB
RF_IN Port Return Loss
8
6
dB
RF_OUT Port Return Loss
15
10
dB
Input P1dB
-7
-5
dBm
Input IP3
PIN = -20 dBm
+3
dBm
RX Operating Current
9
20
mA
ICTRL Current
500
μA
BYPASS MODE
Unless otherwise noted: VCC
= 3.3V, T = +25 °C, CTRL = High
Bypass Loss
6
dB
Loss Flatness Across any 40 MHz
Channel
-0.2
0.2
dB
RF_IN Port Return Loss
8
7
dB
RF_OUT Port Return Loss
8
7
dB
Input P1dB
+18
+20
dBm
Input IP3
PIN = -5 dBm
+29
dBm
RX Operating Current
20
50
μA
GENERAL SPECIFICATIONS
Gain Switch Time
– 50 to 90% RF
Output
Switching from Bypass to LNA Mode
325
nS
Gain Switch Time
– 50 to 10% RF
Output
Switching from LNA to Bypass Mode
100
nS


Similar Part No. - RFFM4227

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4227 QORVO-RFFM4227 Datasheet
425Kb / 6P
   Wi-Fi Low Noise Amplifier
RFFM4227PCK-410 QORVO-RFFM4227PCK-410 Datasheet
425Kb / 6P
   Wi-Fi Low Noise Amplifier
RFFM4227SB QORVO-RFFM4227SB Datasheet
425Kb / 6P
   Wi-Fi Low Noise Amplifier
RFFM4227SQ QORVO-RFFM4227SQ Datasheet
425Kb / 6P
   Wi-Fi Low Noise Amplifier
RFFM4227SR QORVO-RFFM4227SR Datasheet
425Kb / 6P
   Wi-Fi Low Noise Amplifier
More results

Similar Description - RFFM4227

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4527 RFMD-RFFM4527 Datasheet
354Kb / 7P
   Wi-Fi Low Noise Amplifier
logo
Qorvo, Inc
RFFM4227 QORVO-RFFM4227 Datasheet
425Kb / 6P
   Wi-Fi Low Noise Amplifier
RFFM4527 QORVO-RFFM4527 Datasheet
354Kb / 7P
   Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
   Wi-Fi Power Amplifier
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
   Wi-Fi Power Amplifier
RFPA5552 QORVO-RFPA5552 Datasheet
908Kb / 7P
   Wi-Fi Power Amplifier
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
   Ultra Low Power Wi-Fi SoC
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
   Ultra Low Power Wi-Fi Module
04-Jan-2023
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
   Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
   Wi-Fi Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com