Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4293 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4293
Description  WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4293 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4293 Datasheet HTML 1Page - RF Micro Devices RFFM4293 Datasheet HTML 2Page - RF Micro Devices RFFM4293 Datasheet HTML 3Page - RF Micro Devices RFFM4293 Datasheet HTML 4Page - RF Micro Devices RFFM4293 Datasheet HTML 5Page - RF Micro Devices RFFM4293 Datasheet HTML 6Page - RF Micro Devices RFFM4293 Datasheet HTML 7Page - RF Micro Devices RFFM4293 Datasheet HTML 8Page - RF Micro Devices RFFM4293 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140506
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFFM4293
Parameter
Specification
Unit
Condition
Min
Typ
Max
Typical Conditions 3.3V
(continued)
Temperature = -10°C to +70°C, VCC = 3.3V,
PA_EN = high, POUT = 19dBm using an IEEE802.11n MCS7
waveform unless otherwise noted.
VCONTROL High (PA_EN,
C_RX, C_BT, LNA_EN)
2.8
3
VCC
V
VCONTROL Low (PA_EN,
C_RX, C_BT, LNA_EN)
0
0.2
V
Turn-on time from PA_EN
edge
500
ns
Output stable to within 90% of final gain
Turn-off time from PA_EN
edge
500
ns
Stability
-25
24
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
26
27
dBm
Tx mode in 50% Duty Cycle
Rx Performance
Temperature = -10°C to +70°C, VDD = 3.3V,
C_RX = high, LNA_EN = high
Gain
11
13
15
dB
NF
2.3
3
dB
In specified frequency band
RX Port Return Loss
-9.6
dB
ANT Port Return Loss
-4
dB
Input IP3
4
8
dBm
Input P1dB
-6
-2
dBm
IDD
10
15
mA
LNA_EN Control Current
30
50
µA
Rx Bypass Mode
Temperature = -10°C to +70°C, VDD = 3.3V,
C_RX = high, LNA_EN = low
Insertion Loss
-8.5
-7.5
-6.5
dB
RX Port Return Loss
-9.6
dB
ANT Port Return Loss
-4
dB
Input IP3
4
8
dB
Input P1dB
-6
-2
dBm
Typical Conditions 5.0V
Temperature = -10°C to +70°C, VCC = 5.0V,
PA_EN = high, POUT = 21.5dBm using an IEEE802.11n MCS7
waveform unless otherwise noted.
Tx Performance - 11g/n/ac
Compliance with standard 802.11g/n/ac
Frequency
2412
2484
MHz
802.11n Output Power
21
21.5
dBm
802.11n HT20 and HT40 MCS7 at T=25°C, VCC = 5.0V
11n Dynamic EVM
2.5
3
%
-32
-30.5
dB
802.11ac Output Power
17
18
dBm
802.11ac HT40 MCS9 at T=25°C, VCC = 5.0V
11ac Dynamic EVM
1.5
1.8
%
-36.0
-35.0
dB
Tx Performance - Spectral Mask
802.11n output power
22
dBm
802.11n HT20 and HT40 MCS7 T=25°C, VCC = 5.0V
802.11b output power
26
dBm
Meet 802.11b DSSS 1Mbps spectral mask


Similar Part No. - RFFM4293

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293PCK-410 QORVO-RFFM4293PCK-410 Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293SB QORVO-RFFM4293SB Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293SQ QORVO-RFFM4293SQ Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4293SR QORVO-RFFM4293SR Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results

Similar Description - RFFM4293

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM8528 RFMD-RFFM8528 Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
logo
Qorvo, Inc
RFFM8528 QORVO-RFFM8528 Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com