Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9391 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 9391
Description  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9391 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  9391 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9391 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.45
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
20 AWG Triads Stranded (19x32) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9492
1
E1
U-500
U-152.4
15.5
7.0
.037
.94
.225
5.72
46
205
2.25
57.15
U-1000
U-304.8
29.0
13.2
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9364
1
E1
U-500
U-152.4
17.0
7.7
.037
.94
.228
5.79
46
205
2.25
57.15
U-1000
U-304.8
32.0
14.5
20 AWG Triads Stranded (7x28) Bare Copper Conductors • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1526A
1
E1
10000
3048.0
310.0
140.6
.037
.94
.215
5.46
42
187
2.20
55.88
3017A
2
E1
Bulk ††
Bulk
.055
1.40
.360
9.14
97
432
3.60
91.44
3020A
4
E1
Bulk ††
Bulk
.055
1.40
.470
11.94
174
774
4.75
120.65
3021A
8
E1
Bulk ††
Bulk
.055
1.40
.560
14.22
330
1468
5.00
127.00
3022A
12
E1
Bulk ††
Bulk
.066
1.68
.710
18.03
485
2158
7.00
177.80
3023A
16
E1
Bulk ††
Bulk
.064
1.63
.821
20.85
600
2669
7.75
196.85
3024A
24
E1
Bulk ††
Bulk
.074
1.88
1.031
26.19
920
4093
9.25
234.95
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below)
3018A
2
E1
Bulk ††
Bulk
.055
1.40
.372
9.45
102
454
3.75
95.25
1083A
4
E1
10000
3048.0
1410.8
640.9
.053
1.35
.451
11.46
228
1014
4.50
114.30
1084A
8
E1
7500
2286.0
1755.0
796.1
.064
1.63
.575
10.81
432
1922
5.75
146.05
1085A
12
E1
5000
1524.0
1735.0
787.0
.064
1.63
.714
18.14
636
2829
7.15
181.61
1092A
16
E1
Bulk ††
Bulk
.064
1.63
.793
20.14
841
3741
7.90
200.66
1086A
24
E1
2500
762.0
1602.5
726.9
.074
1.88
.992
25.20
1250
5561
9.90
251.46
3067A
36
E1
Bulk ††
Bulk
.074
1.88
1.292
32.82
1875
6273
13.00
330.20
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Triads
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Drain Wire
Drain Wire
Drain Wires
Rip Cord
Communication Wire
Communication Wire
Rip Cord
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520


Similar Part No. - 9391

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
939113424610-F1N MURATA1-939113424610-F1N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113424610-T3N MURATA1-939113424610-T3N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113424610-T4N MURATA1-939113424610-T4N Datasheet
1Mb / 11P
   BroadBand Silicon Capacitor BBSC 0402 100nF BV11
939113493547-F1N MURATA1-939113493547-F1N Datasheet
951Kb / 10P
   Broadband Silicon Capacitor BBSC 0201 47nF BV11
Rev. 3.00
939113493547-T3N MURATA1-939113493547-T3N Datasheet
951Kb / 10P
   Broadband Silicon Capacitor BBSC 0201 47nF BV11
Rev. 3.00
More results

Similar Description - 9391

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com