Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1-351X Datasheet(PDF) 2 Page - CUI INC

Part # SJ1-351X
Description  3.5 mm Audio Jacks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-351X Datasheet(HTML) 2 Page - CUI INC

  SJ1-351X Datasheet HTML 1Page - CUI INC SJ1-351X Datasheet HTML 2Page - CUI INC SJ1-351X Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SerieS: SJ1-351X
3.5 mm Audio JAckS
deScription:
date 01/25/2012 page 2 of 3
cUi inc
cui.com
5.30 0.209
6.6 0.260
8.3 0.327
3.50.138
11.10.437
2.50.098
5.00.197
4.50.177
4.20.165
5.95 0.234
1.8 0.071
3.50.138
11.10.437
6.60.260
8.30.327
4.50.177
4.20.165
2.50.098
5.00.197
PCB LAYOUT
TOP VIEW
1
2
5
3
(5 PLCS)
2.00X1.00
4
1.30 0.051
(TYP)
11.5
3.600 0.142
0.453
0.236
(TYP) 0.3
0.039
6.0
1.00
3.0 0.118
6.0 0.236
M6X0.5
3.50 0.138
14.00.551
4
3
5
2
1
MecHAnicAl drAWinG
MATERIAL
PLATING
terminal 1
brass
tin
terminal 2
brass
tin
terminal 3
brass
tin
terminal 4
brass
tin
terminal 5
brass
tin
bushing
brass
nickel
spring
stainless steel
cover
PC transparent
plastic
PBT
Model No.
SJ1-3513
SJ1-3514
SJ1-3515
Schematic
2
1
3
2
1
3
4
2
1
3
4
5
PIN
1
sleeve
sleeve
sleeve
2
tip
tip
tip
3
ring
ring
ring
4
NP
tip switch
tip switch
5
NP
NP
ring switch
14
Ø 3.5 MATING PLUG
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
For more information, please visit the product page.


Similar Part No. - SJ1-351X

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
318Kb / 4P
   3.5 MM AUDIO JACKS
logo
CUI Devices
SJ1-351X CUID-SJ1-351X Datasheet
509Kb / 3P
   AUDIO JACK
06/30/2023
logo
CUI INC
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
564Kb / 4P
   AUDIO JACK
logo
CUI Devices
SJ1-351X-SMT CUID-SJ1-351X-SMT Datasheet
554Kb / 4P
   AUDIO JACK
03/08/2023
More results

Similar Description - SJ1-351X

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
   3.5 MM AUDIO JACKS
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-353XN CUI-SJ1-353XN Datasheet
310Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-351XN-17 CUI-SJ1-351XN-17 Datasheet
331Kb / 3P
   3.5 MM AUDIO JACKS
SJ-352X-SMT CUI-SJ-352X-SMT Datasheet
168Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com