Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1-353XN Datasheet(PDF) 2 Page - CUI INC

Part # SJ1-353XN
Description  3.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-353XN Datasheet(HTML) 2 Page - CUI INC

  SJ1-353XN Datasheet HTML 1Page - CUI INC SJ1-353XN Datasheet HTML 2Page - CUI INC SJ1-353XN Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: SJ1-353XN │ DESCRIPTION: 3.5 MM AUDIO JACKS
date 01/27/2012
│ page 2 of 3
1.20.05
6.10.24
11.6 0.46
2.40.09
7.90.31
2.00.08
0.90.04
1.20.05
2.40.09
6.10.24
7.90.31
11.60.46
0.90.04
(TYP)
0.08
2.0
(TYP)
3.30 0.13
0.3 (TYP)
14.00.55
4.00 0.16
2
4
5
3
1
3.600
(5 PLCS)
0.14
0.15
0.19
4.90
0.48
12.3
8.20.32
0.15
0.28
7.0
1.500.06
6.000.24
C
PCB LAYOUT
TOP VIEW
1
23
5
1.00X2.00
4
(5 PLCS)
C
C
C
C
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
brass
tin
terminal 2
brass
tin
terminal 3
brass
tin
terminal 4
brass
tin
terminal 5
brass
tin
bushing
brass
nickel
spring
stainless steel
plastic
PBT
Model No.
SJ1-3533N
SJ1-3534N
SJ1-3535N
Schematic
2
1
3
2
1
3
4
2
1
3
4
5
PIN
1
sleeve
sleeve
sleeve
2
tip
tip
tip
3
ring
ring
ring
4
NP
tip switch
tip switch
5
NP
NP
ring switch
14
Ø 3.5 MATING PLUG
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
For more information, please visit the product page.


Similar Part No. - SJ1-353XN

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ1-353XN CUID-SJ1-353XN Datasheet
344Kb / 4P
   AUDIO JACK
12/21/2022
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-353XNG CUI-SJ1-353XNG Datasheet
358Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI Devices
SJ1-353XNG CUID-SJ1-353XNG Datasheet
361Kb / 3P
   3.5 MM AUDIO JACK
10/10/2019
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results

Similar Description - SJ1-353XN

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
   3.5 MM AUDIO JACKS
logo
Bel Fuse Inc.
SJ1-353XNG BEL-SJ1-353XNG Datasheet
316Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
   3.5 mm Audio Jacks
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
   3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-351XN-17 CUI-SJ1-351XN-17 Datasheet
331Kb / 3P
   3.5 MM AUDIO JACKS
SJ-352X-SMT CUI-SJ-352X-SMT Datasheet
168Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com