Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1-3543 Datasheet(PDF) 1 Page - CUI INC

Part # SJ1-3543
Description  3.5 MM AUDIO JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-3543 Datasheet(HTML) 1 Page - CUI INC

  SJ1-3543 Datasheet HTML 1Page - CUI INC SJ1-3543 Datasheet HTML 2Page - CUI INC SJ1-3543 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
04/12/2012
page
1 of 3
cui.com
SERIES:
SJ1-354X │ DESCRIPTION: 3.5 MM AUDIO JACK
FEATURES
• PCB mount
• stereo
• right angle with kinked pins
• threaded with nut
• metal bushing
RoHS
SJ1 - 354 X
Switch Options
3 = no switch
4 = tip switch
5 = tip and ring switch
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1A
contact resistance
between terminal and mating plug
between terminal in a closed circuit*
50
30
insulation resistance
at 500 Vdc
100
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawl force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
Notes:
*When measured at a current of less than 100 mA / 1 kHz
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5±0.5 seconds at
255
260
265
°C
For more information, please visit the product page.


Similar Part No. - SJ1-3543

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ1-3543 CUID-SJ1-3543 Datasheet
397Kb / 4P
   AUDIO JACK
10/24/2022
logo
CUI INC
SJ1-3543N CUI-SJ1-3543N Datasheet
256Kb / 3P
   3.5 MM AUDIO JACKS
logo
CUI Devices
SJ1-3543N CUID-SJ1-3543N Datasheet
391Kb / 4P
   AUDIO JACK
10/24/2022
More results

Similar Description - SJ1-3543

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
   3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
   3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
   3.5 MM AUDIO JACK
SJ-435105 CUI-SJ-435105 Datasheet
209Kb / 3P
   3.5 MM AUDIO JACK
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
   3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com