Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ1-42515TS Datasheet(PDF) 2 Page - CUI INC

Part # SJ1-42515TS
Description  2.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-42515TS Datasheet(HTML) 2 Page - CUI INC

  SJ1-42515TS Datasheet HTML 1Page - CUI INC SJ1-42515TS Datasheet HTML 2Page - CUI INC SJ1-42515TS Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date
12/15/2011 page 2 of 3
SERIES:
SJ1-4251
2.5 MM AUDIO JACKS
DESCRIPTION:
CUI Inc
4.0 0.157
4.7 0.185
7.2 0.283
2.8 0.110
5.5 0.217
7.5 0.295
5.00 0.197
3.00 0.118
1.8 0.071
4.0 0.157
7.5 0.295
3.6 0.142
1.6 0.063
+0.1
-0.0
(2 PLCS)
3.6 0.142
7.2 0.283
4.0 0.157
4.7 0.185
2.00 0.079
2.00 0.079
2.8 0.110
5.5 0.217
5
4
6
3
2
1
(2 PLCS)
0.059
+0.0
-0.1
0.197
5.00
3.00 0.118
1.5
9.0 0.354
0.071
1.8
4.0 0.157
7.5 0.295
6
2
4
TOP VIEW
PCB LAYOUT
5
1
0.80X1.50
(6 PLCS)
3
4.00 0.157
0.394
10.0
0.177
0.102
2.600
4.50
0.157
4.00
0.098
2.5
0.8 0.031
(TYP)
4.00 0.157
0.394
10.0
1.00 0.039
(6 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
gold flash
terminal 2
copper alloy
gold flash
terminal 3
copper alloy
gold flash
terminal 4
copper alloy
gold flash
terminal 5
brass
gold flash
terminal 6
brass
gold flash
plastic
PA66
Model No.
SJ1-42514
SJ1-42515TS
SJ1-42515RS
SJ1-42516
Schematic
2
4
1
3
2
4
3
5
1
2
6
4
3
1
2
6
4
3
5
1
PIN
1
sleeve
sleeve
sleeve
sleeve
2
tip
tip
tip
tip
3
ring 1
ring 1
ring 1
ring 1
4
ring 2
ring 2
ring 2
ring 2
5
NP
tip switch
NP
tip switch
6
NP
NP
ring switch
ring switch
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
11
Ø 2.5 MATING PLUG
For more information, please visit the product page.


Similar Part No. - SJ1-42515TS

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ1-42515TS CUID-SJ1-42515TS Datasheet
463Kb / 3P
   AUDIO JACK
07/27/2023
logo
CUI INC
SJ1-42515TS-SMT CUI-SJ1-42515TS-SMT Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-42515TS-SMT-TR CUI-SJ1-42515TS-SMT-TR Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
More results

Similar Description - SJ1-42515TS

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com