Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ-435107 Datasheet(PDF) 2 Page - CUI INC

Part # SJ-435107
Description  3.5 MM AUDIO JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-435107 Datasheet(HTML) 2 Page - CUI INC

  SJ-435107 Datasheet HTML 1Page - CUI INC SJ-435107 Datasheet HTML 2Page - CUI INC SJ-435107 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: SJ-435107 │ DESCRIPTION: 3.5 MM AUDIO JACK
date
01/03/2014 │ page 2 of 3
2.40 0.094
(2 PLCS)
5.00 0.197
4.5 0.177
5.5 0.217
5.1 0.201
2.4 0.094
4.9 0.193
8.5 0.335
10.5 0.413
(2 PLCS)
7.4 0.291
10.7 0.421
0.7 0.028
3.6 0.142
1.6 0.063
3.1 0.122
4.5 0.177
1.1 0.043
+0.1
-0.0
(2 PLCS)
5.20 0.205
0.177
4.5
0.157
4.00
3.6 0.142
4.5 0.177
5.5 0.217
0.028
0.7
3.1 0.122
1.6 0.063
5.1 0.201
2.4 0.094
4.9 0.193
7.4 0.291
10.7 0.421
2.4 0.094
8.5 0.335
10.5 0.413
(2 PLCS)
2.40 0.094
5.00 0.197
0.236
6.00
0.287
3.600 0.142
7.3
0.425
10.8
2.4 0.094
0.3 (8 PLCS)
6
TOP VIEW
4
2
1
(8 PLCS)
PCB LAYOUT
3
5
1.30 X 0.80 [0.051 X 0.031]
0.3
0.472
12.0
3.00 0.118
(8 PLCS)
0.031
0.80
(2 PLCS)
1.00 0.039
1.0 0.039
0.3 (2 PLCS)
1
6
2
3
5
4
-0.1
(2 PLCS)
0.039
+0.0
1.0
11.3 0.445
MECHANICAL DRAWING
MATERIAL
PLATING
terminal (1~6)
copper alloy
tin
shield
copper alloy
nickel
bushing
brass
nickel
plastic
PA66
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
ø3.5 MATING PLUG
Model No.
SJ-435107
SJ-435107RS
Schematic
PIN
1
sleeve
sleeve
2
tip
tip
3
ring 1
ring 1
4
ring 2
ring 2
5
NP
isolated ring 1
6NP
isolated ring 1
switch (N-O)
1
4
3
2
6
3
4
2
5
1
For more information, please visit the product page.


Similar Part No. - SJ-435107

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-435107 CUID-SJ-435107 Datasheet
562Kb / 3P
   AUDIO JACK
06/01/2023
logo
CUI INC
SJ-435107RS CUI-SJ-435107RS Datasheet
274Kb / 3P
   grounded spring tabs
logo
CUI Devices
SJ-435107RS CUID-SJ-435107RS Datasheet
562Kb / 3P
   AUDIO JACK
06/01/2023
More results

Similar Description - SJ-435107

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
   3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
   3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
   3.5 MM AUDIO JACK
SJ1-354X CUI-SJ1-354X Datasheet
181Kb / 3P
   3.5 MM AUDIO JACK
SJ-435105 CUI-SJ-435105 Datasheet
209Kb / 3P
   3.5 MM AUDIO JACK
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
   3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com