Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ-435107 Datasheet(PDF) 3 Page - CUI INC

Part # SJ-435107
Description  3.5 MM AUDIO JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ-435107 Datasheet(HTML) 3 Page - CUI INC

  SJ-435107 Datasheet HTML 1Page - CUI INC SJ-435107 Datasheet HTML 2Page - CUI INC SJ-435107 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI Inc
│ SERIES: SJ-435107 │ DESCRIPTION: 3.5 MM AUDIO JACK
date
01/03/2014 │ page 3 of 3
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
02/23/2012
1.01
updated schematic and spec
06/07/2012
1.02
added drawing dimension, updated spec
01/03/2014
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Similar Part No. - SJ-435107

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-435107 CUID-SJ-435107 Datasheet
562Kb / 3P
   AUDIO JACK
06/01/2023
logo
CUI INC
SJ-435107RS CUI-SJ-435107RS Datasheet
274Kb / 3P
   grounded spring tabs
logo
CUI Devices
SJ-435107RS CUID-SJ-435107RS Datasheet
562Kb / 3P
   AUDIO JACK
06/01/2023
More results

Similar Description - SJ-435107

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
   3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
   3.5 MM AUDIO JACK
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
   3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
   3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
   3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
   3.5 MM AUDIO JACK
SJ1-354X CUI-SJ1-354X Datasheet
181Kb / 3P
   3.5 MM AUDIO JACK
SJ-435105 CUI-SJ-435105 Datasheet
209Kb / 3P
   3.5 MM AUDIO JACK
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
   3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com