Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2917 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2917
Description  Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2917 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2917 Datasheet HTML 6Page - Analog Devices ADN2917 Datasheet HTML 7Page - Analog Devices ADN2917 Datasheet HTML 8Page - Analog Devices ADN2917 Datasheet HTML 9Page - Analog Devices ADN2917 Datasheet HTML 10Page - Analog Devices ADN2917 Datasheet HTML 11Page - Analog Devices ADN2917 Datasheet HTML 12Page - Analog Devices ADN2917 Datasheet HTML 13Page - Analog Devices ADN2917 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADN2917
Data Sheet
Rev. A | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 1.2 V, VCC1 = 1.8 V, VDD = 3.3 V, VEE = 0 V, input data pattern: PRBS 215 − 1, ac-coupled inputs and outputs,
unless otherwise noted.
16.8ps/DIV
Figure 6. Output Eye Diagram at OC-192
5
–45
–15
–5
–20
–25
–30
–35
–40
–10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
XFP MASK
Figure 7. Jitter Transfer: OC-192,
TRANBW[2:0] (Bits[D2:D0] in Register 0x10) = 3
1k
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
100M
JITTER FREQUENCY (Hz)
ADN2917 TOLERANCE
SONET REQUIREMENT MASK
Figure 8. Jitter Tolerance: OC-192
0
–40
–15
–5
–20
–25
–30
–35
–10
1M
10M
100M
1G
10G
100G
FREQUENCY (Hz)
Figure 9. Typical S11 Spectrum Performance


Similar Part No. - ADN2917

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ AD-ADN2913ACPZ Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ-RL7 AD-ADN2913ACPZ-RL7 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915ACPZ AD-ADN2915ACPZ Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
More results

Similar Description - ADN2917

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
logo
Analog Devices
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com