Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2917ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2917ACPZ
Description  Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2917ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2917ACPZ Datasheet HTML 2Page - Analog Devices ADN2917ACPZ Datasheet HTML 3Page - Analog Devices ADN2917ACPZ Datasheet HTML 4Page - Analog Devices ADN2917ACPZ Datasheet HTML 5Page - Analog Devices ADN2917ACPZ Datasheet HTML 6Page - Analog Devices ADN2917ACPZ Datasheet HTML 7Page - Analog Devices ADN2917ACPZ Datasheet HTML 8Page - Analog Devices ADN2917ACPZ Datasheet HTML 9Page - Analog Devices ADN2917ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADN2917
Data Sheet
Rev. A | Page 6 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
I2C INTERFACE DC CHARACTERISTICS
LVTTL
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
VIN = 0.1 × VDD or VIN = 0.9 × VDD
−10.0
+10.0
µA
Output Low Voltage
VOL, IOL = 3.0 mA
0.4
V
I2C INTERFACE TIMING
See Figure 17
SCK Clock Frequency
400
kHz
SCK Pulse Width High
tHIGH
600
ns
SCK Pulse Width Low
tLOW
1300
ns
Start Condition Hold Time
tHD;STA
600
ns
Start Condition Setup Time
tSU;STA
600
ns
Data Setup Time
tSU;DAT
100
ns
Data Hold Time
tHD;DAT
300
ns
SCK/SDA Rise/Fall Time2
tR/tF
20 + 0.1 Cb
300
ns
Stop Condition Setup Time
tSU;STO
600
ns
Bus Free Time Between Stop and
Start Conditions
tBUF
1300
ns
LVTTL DC INPUT CHARACTERISITICS
(I2C_ADDR)
Input Voltage
High
VIH
2.0
V
Low
VIL
0.8
V
Input Current
High
IIH, VIN = 2.4 V
+5
µA
Low
IIL, VIN = 0.4 V
−5
µA
LVTTL DC OUTPUT CHARACTERISITICS
(LOS/LOL)
Output Voltage
High
VOH, IOH = 2.0 mA
2.4
V
Low
VOL, IOL = −2.0 mA
0.4
V
REFERENCE CLOCK CHARACTERISTICS
Optional LTR mode
Input Compliance Voltage (Single-
Ended)
VCM (no input offset, no input current),
see Figure 25, ac-coupled input
0.55
1.0
V
Minimum Input Drive
See Figure 25, ac-coupled, differential input
100
mV p-p diff
Reference Frequency
11.05
176.8
MHz
Required Accuracy3
AC-coupled, differential input
100
ppm
1 Fibre Channel Physical Interface 4 standard, FC-PI-4, Rev 8.00, May 21, 2008.
2
Cb is the total capacitance of one bus line in picofarads (pF). If mixed with high speed (HS) mode devices, faster rise/fall times are allowed (refer to the Philips I2C Bus
Specification, Version 2.1).
3
Required accuracy in dc-coupled mode is guaranteed by design as long as the clock common-mode voltage output matches the reference clock common-mode
voltage range.


Similar Part No. - ADN2917ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ AD-ADN2913ACPZ Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ-RL7 AD-ADN2913ACPZ-RL7 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915ACPZ AD-ADN2915ACPZ Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
More results

Similar Description - ADN2917ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
logo
Analog Devices
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com