Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2917ACPZ-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2917ACPZ-RL7
Description  Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2917ACPZ-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADN2917ACPZ-RL7 Datasheet HTML 1Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 2Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADN2917ACPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADN2917
Rev. A | Page 3 of 32
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VCCMIN to VCCMAX, VCC1 = VCC1MIN to VCC1MAX, VDD = VDDMIN to VDDMAX, VEE = 0 V, input data
pattern: PRBS 223 − 1, ac-coupled, I2C register default settings, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DATA RATE SUPPORT RANGE
8.5
11.3
Gbps
INPUT—DC CHARACTERISTICS
Peak-to-Peak Differential Input1
PIN – NIN
1.0
V
Input Resistance
Differential
95
100
105
BYPASS PATH—CML INPUT
Input Voltage Range
At PIN or NIN, dc-coupled, RX_TERM_FLOAT = 1 (float)
0.5
VCC
V
Input Common-Mode Level
DC-coupled (see Figure 32), 600 mV p-p differential,
RX_TERM_FLOAT = 1 (float)
0.65
VCC − 0.15
V
Differential Input Sensitivity
OC-192
AC-coupled, RX_TERM_FLOAT = 0 (VCM = 1.2 V), bit
error rate (BER) = 1 × 10−10
200
mV p-p
8GFC2
Jitter tolerance scrambled pattern (JTSPAT),
ac-coupled, RX_TERM_FLOAT = 0 (VCM = 1.2 V),
BER = 1 × 10−12
200
mV p-p
LIMITING AMPLIFIER INPUT PATH
Differential Input Sensitivity
OC-192
BER = 1 × 10−10
9.2
mV p-p
8GFC2
JTSPAT, BER = 1 × 10−12
8.3
mV p-p
10.3125 Gbps
JTSPAT, BER = 1 × 10−12
11.0
mV p-p
EQUALIZER INPUT PATH
Differential Input Sensitivity
15-inch FR-4, 100 Ω differential transmission line,
adaptive EQ on
8GFC2
JTSPAT, BER = 1 × 10−12
115
mV p-p
OC-192
BER = 1 × 10−10
184
mV p-p
INPUT—AC CHARACTERISTICS
S11
At 7.5 GHz, differential return loss, see Figure 9
−12
dB
LOS DETECT
Loss of Signal Detect
10
mV p-p
Loss of signal minimum program value
5
mV p-p
Loss of signal maximum program value
128
mV p-p
Hysteresis (Electrical)
5.7
dB
LOS Assert Time
AC-coupled3
135
µs
LOS Deassert Time
AC-coupled3
110
µs
LOSS OF LOCK (LOL) DETECT
DCO Frequency Error for LOL Assert
With respect to nominal, data collected in lock to
reference (LTR) mode
1000
ppm
DCO Frequency Error for LOL Deassert
With respect to nominal, data collected in LTR mode
250
ppm
LOL Assert Response Time
8.5 Gbps, JTSPAT
25
µs
10 Gbps
18
µs
ACQUISITION TIME
Lock to Data (LTD) Mode
OC192
0.5
ms
11.3 Gbps
0.5
ms
8.5 Gbps, JTSPAT
0.5
ms
Optional LTR Mode4
6.0
ms
DATA RATE READBACK ACCURACY
Coarse Readback
±5
%
Fine Readback
In addition to reference clock accuracy
±100
ppm


Similar Part No. - ADN2917ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ AD-ADN2913ACPZ Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913ACPZ-RL7 AD-ADN2913ACPZ-RL7 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915ACPZ AD-ADN2915ACPZ Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
More results

Similar Description - ADN2917ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
logo
Analog Devices
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com