Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBW-5089Z Datasheet(PDF) 7 Page - RF Micro Devices

Part # SBW-5089Z
Description  MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBW-5089Z Datasheet(HTML) 7 Page - RF Micro Devices

  SBW-5089Z Datasheet HTML 1Page - RF Micro Devices SBW-5089Z Datasheet HTML 2Page - RF Micro Devices SBW-5089Z Datasheet HTML 3Page - RF Micro Devices SBW-5089Z Datasheet HTML 4Page - RF Micro Devices SBW-5089Z Datasheet HTML 5Page - RF Micro Devices SBW-5089Z Datasheet HTML 6Page - RF Micro Devices SBW-5089Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7 of
7
DS150923
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBW-5089(Z)
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Part Identification Marking
Alternate marking “SBW5089” or “SBW5089Z” on line one with Trace Code on line two.
Ordering Information
Part Number
Description
Reel Size
Devices/Reel
SBW-5089
Tin-Lead
7”
1000
SBW-5089Z
Lead Free, RoHS Compliant
7”
1000
BW5
12
3
4
BW5Z
12
3
4


Similar Part No. - SBW-5089Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBW-5089Z SIRENZA-SBW-5089Z Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089Z RFMD-SBW-5089Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results

Similar Description - SBW-5089Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
   MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
   MMIC Amplifier
April 2017
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
   MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
   MMIC Amplifier
February 2017
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
logo
Advanced Semiconductor ...
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
   MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
   MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
   MMIC Amplifier
April 20173
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
   MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com