Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA-5063-Z Datasheet(PDF) 9 Page - RF Micro Devices

Part # STA-5063-Z
Description  GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA-5063-Z Datasheet(HTML) 9 Page - RF Micro Devices

Back Button STA-5063-Z Datasheet HTML 2Page - RF Micro Devices STA-5063-Z Datasheet HTML 3Page - RF Micro Devices STA-5063-Z Datasheet HTML 4Page - RF Micro Devices STA-5063-Z Datasheet HTML 5Page - RF Micro Devices STA-5063-Z Datasheet HTML 6Page - RF Micro Devices STA-5063-Z Datasheet HTML 7Page - RF Micro Devices STA-5063-Z Datasheet HTML 8Page - RF Micro Devices STA-5063-Z Datasheet HTML 9Page - RF Micro Devices STA-5063-Z Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
Part Identification Marking
Alternate Marking with Trace Code Only
1
3
64
T50Z
Trace Code


Similar Part No. - STA-5063-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
More results

Similar Description - STA-5063-Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com