Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1173 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1173
Description  Low Saturation Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1173 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1173 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1173 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1173
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -20mA; IB= -2mA
-0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -20mA; IB= -2mA
-1
V
ICBO
Collector Cutoff Current
VCB= -140V; IE= 0
-0.1
μ A
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
-1
μ A
hFE-1
DC Current Gain
IC= -10mA ; VCE= -10V
90
400
fT
Current-Gain
—Bandwidth Product
IC= -10mA ; VCE= -10V
80
MHz
COB
Output Capacitance
IE=0 ; VCB= -10V,ftest= 1MHz
2.5
pF


Similar Part No. - 2SA1173

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SA1173 NJSEMI-2SA1173 Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
logo
Renesas Technology Corp
2SA1173 RENESAS-2SA1173 Datasheet
226Kb / 6P
   SILICON TRANSISTOR
1979
More results

Similar Description - 2SA1173

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
   Low Saturation Voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
   low saturation voltage
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
   Low Saturation Voltage
logo
STMicroelectronics
STGB20N40LZ STMICROELECTRONICS-STGB20N40LZ Datasheet
1Mb / 20P
   Low saturation voltage
June 2014 Rev 5
logo
Inchange Semiconductor ...
D45C4 ISC-D45C4 Datasheet
192Kb / 2P
   Low Saturation Voltage
D44C11 ISC-D44C11 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C12 ISC-D44C12 Datasheet
192Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com