Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7124-8BCPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7124-8BCPZ-RL
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BCPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7124-8BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 12Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 13Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 14Page - Analog Devices AD7124-8BCPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Data Sheet
AD7124-8
Rev. B | Page 11 of 91
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
WRITE OPERATION
t
8
0
ns
CS falling edge to SCLK active edge5 setup time
t
9
30
ns
Data valid to SCLK edge setup time
t
10
25
ns
Data valid to SCLK edge hold time
t
11
0
ns
CS rising edge to SCLK edge hold time
1 These specifications were sample tested during the initial release to ensure compliance. All input signals are specified with t
R = tF = 5 ns (10% to 90% of IOVDD and
timed from a voltage level of IOVDD/2.
2 See Figure 3, Figure 4, Figure 5, and Figure 6.
3 MCLK is the master clock frequency.
4 These specifications are measured with the load circuit shown in Figure 2 and defined as the time required for the output to cross the V
OL or VOH limits.
5 The SCLK active edge is the falling edge of SCLK.
6 These specifications are derived from the measured time taken by the data output to change by 0.5 V when loaded with the circuit shown in Figure 2. The measured
number is then extrapolated back to remove the effects of charging or discharging the 25 pF capacitor. The times quoted in the timing characteristics are the true bus
relinquish times of the device and, therefore, are independent of external bus loading capacitances.
7
RDY returns high after a read of the ADC. In single conversion mode and continuous conversion mode, the same data can be read again, if required, while RDY is high,
although subsequent reads must not occur close to the next output update. In continuous read mode, the digital word can be read only once.
8 When the CS_EN bit is cleared, the DOUT/RDY pin changes from its DOUT function to its RDY function, following the last inactive edge of the SCLK. When CS_EN is set,
the DOUT pin continues to output the LSB of the data until the CS inactive edge.
Timing Diagrams
IOVDD/2
TO OUTPUT PIN
ISOURCE (100µA)
ISINK (100µA)
25pF
Figure 2. Load Circuit for Timing Characterization
t3
t2
t7
t6
t5
t4
t1
MSB
LSB
DOUT/RDY (O)
SCLK (I)
CS (I)
I = INPUT, O = OUTPUT
Figure 3. Read Cycle Timing Diagram (CS_EN Bit Cleared)


Similar Part No. - AD7124-8BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-8BCPZ-RL AD-AD7124-8BCPZ-RL Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
AD7124-8BCPZ-RL7 AD-AD7124-8BCPZ-RL7 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
More results

Similar Description - AD7124-8BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com