Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7298-1BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7298-1BCPZ
Description  8-Channel, 1 MSPS, 10-Bit SAR ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7298-1BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7298-1BCPZ Datasheet HTML 1Page - Analog Devices AD7298-1BCPZ Datasheet HTML 2Page - Analog Devices AD7298-1BCPZ Datasheet HTML 3Page - Analog Devices AD7298-1BCPZ Datasheet HTML 4Page - Analog Devices AD7298-1BCPZ Datasheet HTML 5Page - Analog Devices AD7298-1BCPZ Datasheet HTML 6Page - Analog Devices AD7298-1BCPZ Datasheet HTML 7Page - Analog Devices AD7298-1BCPZ Datasheet HTML 8Page - Analog Devices AD7298-1BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7298-1
Rev. A | Page 5 of 24
TIMING SPECIFICATIONS
VDD = 2.8 V to 3.6 V, VDRIVE = 1.65 V to 3.6 V, VREF = 2.5 V internal, TA = −40°C to +125°C, unless otherwise noted. Sample tested during
initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level
of 1.6 V.
Table 2.
Parameter
Limit at T
MIN, TMAX
Unit
Test Conditions/Comments
t
CONVERT
t
2 + (16 × tSCLK)
µs max
Conversion time
820
ns typ
Each ADC channel V
IN0 to VIN7, fSCLK = 20 MHz
f
SCLK
1
50
kHz min
Frequency of external serial clock
20
MHz max
Frequency of external serial clock
t
QUIET
6
ns min
Minimum quiet time required between the end of the serial read and the start of
the next voltage conversion in repeat and nonrepeat mode.
t
2
10
ns min
CS to SCLK setup time
t
3
1
15
ns max
Delay from CS (falling edge) until DOUT three-state disabled
t
4
1
Data access time after SCLK falling edge
35
ns max
V
DRIVE = 1.65 V to 3 V
28
ns max
V
DRIVE = 3 V to 3.6 V
t
5
0.4 × t
SCLK
ns min
SCLK low pulse width
t
6
0.4 × t
SCLK
ns min
SCLK high pulse width
t
7
1
14
ns min
SCLK to DOUT valid hold time
t
8
1
16/34
ns min/ns max
SCLK falling edge to DOUT high impedance
t
9
5
ns min
DIN setup time prior to SCLK falling edge
t
10
4
ns min
DIN hold time after SCLK falling edge
t
11
1
30
ns max
Delay from CS rising edge to DOUT high impedance
t
POWER-UP
6
ms max
Internal reference power-up time from full power-down
1 Measured with a load capacitance on DOUT of 15 pF.


Similar Part No. - AD7298-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298-1BCPZ AD-AD7298-1BCPZ Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1BCPZ-RL AD-AD7298-1BCPZ-RL Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
More results

Similar Description - AD7298-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com