Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656A Datasheet(PDF) 6 Page - Analog Devices

Part # AD7656A
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7656A Datasheet HTML 2Page - Analog Devices AD7656A Datasheet HTML 3Page - Analog Devices AD7656A Datasheet HTML 4Page - Analog Devices AD7656A Datasheet HTML 5Page - Analog Devices AD7656A Datasheet HTML 6Page - Analog Devices AD7656A Datasheet HTML 7Page - Analog Devices AD7656A Datasheet HTML 8Page - Analog Devices AD7656A Datasheet HTML 9Page - Analog Devices AD7656A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7656A
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND, DGND
0 V to +16.5 V
VSS to AGND, DGND
0 V to −16.5 V
VDD to AVCC
AVCC + 0.7 V to 16.5 V
AVCC to AGND, DGND
−0.3 V to +7 V
DVCC to AVCC
−0.3 V to AVCC + 0.3 V
DVCC to DGND, AGND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
VDRIVE to DGND
−0.3 V to DVCC + 0.3 V
Analog Input Voltage to AGND
VSS + 1 V to VDD − 1 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to AVCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb/Sn Temperature, Soldering
Reflow (10 sec to 30 sec)
240(0)°C
Pb-Free Temperature, Soldering Reflow
260(0)°C
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
POWER SUPPLY SEQUENCING
Simultaneous application of VDD and VSS is necessary to
guarantee reliability of the device. In the cases where
simultaneous application cannot be guaranteed, VDD must power
up before VSS. When a negative voltage is applied to the analog
inputs before VDD and VSS are fully powered up, a 560 Ω resistor
must be placed on the analog inputs.
A number of sequencing combinations can lead to temporary
high current states; however, when all supplies are powered up,
the device returns to normal operating currents. The analog
input (AIN) coming before AVCC causes temporary high current
on the analog inputs. Digital inputs before DVCC, and DVCC
before other supplies, also cause temporary high current states.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. These
specifications apply to a 4-layer board.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
64-Lead LQFP
45
11
°C/W
ESD CAUTION
Rev. 0 | Page 6 of 28


Similar Part No. - AD7656A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ AD-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

Similar Description - AD7656A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com