Electronic Components Datasheet Search |
|
AD7656A-1BSTZ Datasheet(PDF) 6 Page - Analog Devices |
|
AD7656A-1BSTZ Datasheet(HTML) 6 Page - Analog Devices |
6 / 28 page AD7656A-1 Data Sheet ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VDD to AGND, DGND 0 V to +16.5 V VSS to AGND, DGND 0 V to −16.5 V VDD to AVCC AVCC + 0.7 V to +16.5 V AVCC to AGND, DGND −0.3 V to +7 V DVCC to AVCC −0.3 V to AVCC + 0.3 V DVCC to DGND, AGND −0.3 V to +7 V AGND to DGND −0.3 V to +0.3 V VDRIVE to DGND −0.3 V to DVCC + 0.3 V Analog Input Voltage to AGND VSS + 1 V to VDD − 1 V Digital Input Voltage to DGND −0.3 V to VDRIVE + 0.3 V Digital Output Voltage to DGND −0.3 V to VDRIVE + 0.3 V REFIN/REFOUT to AGND −0.3 V to AVCC + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C Pb/Sn Temperature, Soldering Reflow (10 sec to 30 sec) 240(0)°C Pb-Free Temperature, Soldering Reflow 260(0)°C ESD 1.5 kV 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. POWER SUPPLY SEQUENCING Simultaneous application of VDD and VSS is necessary to guarantee reliability of the device. In cases where simultaneous application cannot be guaranteed, VDD must power up before VSS. When a negative voltage is applied to the analog inputs before VDD and VSS are fully powered up, a 560 Ω resistor must be placed on the analog inputs. A number of sequencing combinations can lead to temporary high current states; however, when all supplies are powered up, the device returns to normal operating currents. The analog input (AIN) coming before AVCC causes temporary high current on the analog inputs. Digital inputs before DVCC, and DVCC before other supplies, also cause temporary high current states. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. These specifications apply to a 4-layer board. Table 4. Thermal Resistance Package Type θJA θJC Unit 64-Lead LQFP 45 11 °C/W ESD CAUTION Rev. 0 | Page 6 of 28 |
Similar Part No. - AD7656A-1BSTZ |
|
Similar Description - AD7656A-1BSTZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |