Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656A-1BSTZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7656A-1BSTZ-RL
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656A-1BSTZ-RL Datasheet(HTML) 5 Page - Analog Devices

  AD7656A-1BSTZ-RL Datasheet HTML 1Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 2Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 3Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 4Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 5Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 6Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 7Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 8Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD7656A-1
TIMING SPECIFICATIONS
AVCC and DVCC = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V internal/external, TA = TMIN to TMAX, unless otherwise noted. For the
±4 × VREF range, VDD = 11 V to 16.5 V, and VSS = −11 V to −16.5 V. For the ±2 × VREF range, VDD = 6 V to 16.5 V, and VSS = −6 V to
−16.5 V. Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and
timed from a voltage level of 1.6 V.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description1
VDRIVE < 4.75 V
VDRIVE = 4.75 V to 5.25V
PARALLEL INTERFACE MODE
tCONV
3
3
µs typ
Conversion time, internal clock
tQUIET
150
150
ns min
Minimum quiet time required between bus
relinquish and start of next conversion
tACQ
550
550
ns min
Acquisition time
t10
25
25
ns min
Minimum CONVST x low pulse
t1
60
60
ns max
CONVST x high to BUSY high
tWAKE-UP
2
2
ms max
STBY rising edge to CONVST x rising edge, not
shown in figures
25
25
µs max
Partial power-down mode
PARALLEL READ OPERATION
t2
0
0
ns min
BUSY to RD delay
t3
0
0
ns min
CS to RD setup time
t4
0
0
ns min
CS to RD hold time
t5
45
36
ns min
RD pulse width
t6
45
36
ns max
Data access time after RD falling edge
t7
10
10
ns min
Data hold time after RD rising edge
t8
12
12
ns max
Bus relinquish time after RD rising edge
t9
6
6
ns min
Minimum time between reads
PARALLEL WRITE OPERATION
t11
15
15
ns min
WR pulse width
t12
0
0
ns min
CS to WR setup time
t13
5
5
ns min
CS to WR hold time
t14
5
5
ns min
Data setup time before WR rising edge
t15
5
5
ns min
Data hold after WR rising edge
SERIAL INTERFACE MODE
fSCLK
18
18
MHz max
Frequency of serial read clock
t16
12
12
ns max
Delay from CS until DOUT x three-state disabled
t172
22
22
ns max
Data access time after SCLK rising edge/CS
falling edge
t18
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK low pulse width
t19
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK high pulse width
t20
10
10
ns min
SCLK to data valid hold time after SCLK falling edge
t21
18
18
ns max
CS rising edge to DOUT x high impedance
1
Multifunction pin names may be referenced by their relevant function only.
2
A buffer is used on the DOUT x pins (Pin 5 to Pin 7) for this measurement.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
25pF
Figure 2. Load Circuit for Digital Output Timing Specifications
Rev. 0 | Page 5 of 28


Similar Part No. - AD7656A-1BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7656A-1BSTZ-RL ETC2-AD7656A-1BSTZ-RL Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ-RL AD-AD7656A-1BSTZ-RL Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

Similar Description - AD7656A-1BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com