Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7768BSTZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7768BSTZ-RL7
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7768BSTZ-RL7 Datasheet HTML 3Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 4Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 5Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 6Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 7Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 8Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 9Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 10Page - Analog Devices AD7768BSTZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 7 of 99
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ACCURACY
See Table 2 for 1.8 V operation
INL
Endpoint method
±2
±7
ppm of FSR
Offset Error4
DCLK frequency ≤ 24 MHz
±50
±115
µV
24 MHz to 32.768 MHz DCLK frequency2
±75
±150
µV
Offset Error Drift
DCLK frequency ≤ 24 MHz
±250
nV/°C
24 MHz to 32.768 MHz DCLK frequency
±750
nV/°C
Gain Error4
TA = 25°C
±30
±70
ppm of FSR
Gain Drift vs. Temperature2
±0.5
±1
ppm/°C
VCM PIN
Output
With respect to AVSS
(AVDD1 −
AVSS)/2
V
Load Regulation (∆VOUT/∆IL)
400
µV/mA
Voltage Regulation
Applies to the following VCM output
options only: VCM = ∆VOUT/∆(AVDD1 −
AVSS)/2; VCM = 1.65 V; and VCM = 2.5 V
5
µV/V
Short-Circuit Current
30
mA
ANALOG INPUTS
See the Analog Inputs section
Differential Input Voltage Range
VREF = (REFx+) − (REFx−)
−VREF
+VREF
V
Input Common-Mode Range2
AVSS
AVDD1
V
Absolute Analog Input
Voltage Limits2
AVSS
AVDD1
V
Analog Input Current
Fast mode
Unbuffered
Differential component
±48
µA/V
Common-mode component
±17
µA/V
Precharge Buffer On5
−20
µA
Input Current Drift
Fast mode; see Figure 62
Unbuffered
±5
nA/V/°C
Precharge Buffer On
±31
nA/°C
EXTERNAL REFERENCE
Reference Voltage
VREF = (REFx+) − (REFx−)
1
AVDD1 − AVSS
V
Absolute Reference Voltage
Limits2
Reference precharge buffers off
AVSS − 0.05
AVDD1 + 0.05
V
AVSS
AVDD1
V
Average Reference Current
±72
µA/V/channel
±16
µA/V/channel
Average Reference Current Drift
±1.7
nA/V/°C
Reference precharge buffer on
Fast mode; see Figure 63
Reference precharge buffers off
Reference precharge buffers on
Fast mode; see Figure 63
Reference precharge buffers off
Reference precharge buffers on
±49
nA/V/°C
Common-Mode Rejection
95
dB
DIGITAL FILTER RESPONSE
Low Ripple Wideband Filter
FILTER = 0
Decimation Rate
Up to six selectable decimation rates; see
the Decimation Rate Control section
32
1024
Group Delay
Latency
34/ODR
sec
Settling Time
Complete settling, see Table 35
68/ODR
sec
Pass-Band Ripple2
From dc to 102.4 kHz at 256 kSPS
±0.005
dB
Pass Band
±0.005 dB bandwidth
0.4 × ODR
Hz
−0.1 dB bandwidth
0.409 × ODR
Hz
−3 dB bandwidth
0.433 × ODR
Hz
Stop Band Frequency
Attenuation > 105 dB
0.499 × ODR
Hz
Stop Band Attenuation
See theWideband Low Ripple Filter section
105
dB


Similar Part No. - AD7768BSTZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7768 AD-AD7768 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD7768 AD-AD7768 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7768-1 AD-AD7768-1 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD7768-1 AD-AD7768-1 Datasheet
1Mb / 80P
   DC to 204 kHz, Dynamic Signal Analysis, Precision 24-Bit ADC with Power Scaling
Rev. A
AD7768-1BCPZ AD-AD7768-1BCPZ Datasheet
1Mb / 80P
   DC to 204 kHz, Dynamic Signal Analysis, Precision 24-Bit ADC with Power Scaling
Rev. A
More results

Similar Description - AD7768BSTZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com