Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DBS212 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2DBS212
Description  2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DBS212 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2DBS212_14 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2DBS212_14 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
03/25/14
Features
• SAS, SATA2, XAUI Switch
• 2 Differential Channel, 2:1 Mux/DeMux
• Bandwidth of 2.0 GHz (–3dB)
• Low Bit-to-Bit Skew : <5 ps
• Low Crosstalk: –26dB @ 3.2 Gbps
• Low Off Isolation: –35dB @ 3.2 Gbps
• VDD Voltage: 1.2V to 1.8V ±10%
• ESD Tolerance: 8kV HBM I/O, 2kV HBM select pin
• Packaging (Pb-free & Green):
– 28-Contact TQFN
Description
Pericom Semiconductor’s PI2DBS212 is an 1:2 differential
channel multiplexer/demultiplexer switch. Using a specialized
design scheme, Pericom has been able to achieve a performance
of 3Gbps data rate mux/de-mux function. Due to its bi-direction-
al nature, the PI2DBS212 can be used to allocate bandwidth to
two different locations as a demux, or connect two high-speed
sources to a single receiver as a mux.
The PI2DBS212 will target the following standards: SAS, SATA
I, SATA II, XAUI, INFINIBAND, HYPERTRANSPORT, and
RAP ID I/O, for application in computers, consumer electronics,
instrumentation, etc.
Block Diagram
PI2DBS212
2.0GHz, Differential Broadband Signal Switch,
2-Differential Channel, 2:1 Mux/DeMux Switch
Truth Table
Function
SEL
Port A to Port B
L
Port A to Port C
H
SEL
A1-
A1+
A0-
A0+
B0-
B0+
B1+
C0+
B1-
C0-
C1+
C1-
Pin Description - 28-Contact TQFN
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
11 12 13 14
28 27 26 25
GND
NC
SEL
A0+
A0-
A1+
A1-
NC
VDD
GND
B0+
B0-
B1+
B1-
GND
VDD
C0+
C0-
C1+
C1-
14-0029


Similar Part No. - PI2DBS212_14

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2DBS212QE PERICOM-PI2DBS212QE Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212ZHE PERICOM-PI2DBS212ZHE Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
More results

Similar Description - PI2DBS212_14

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
   1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
   6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com