Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9680BCPZRL7-1000 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9680BCPZRL7-1000
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680BCPZRL7-1000 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9680BCPZRL7-1000 Datasheet HTML 3Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 4Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 5Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 6Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 7Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 8Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 9Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 10Page - Analog Devices AD9680BCPZRL7-1000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 7 of 97
AD9680-500
AD9680-820
AD9680-1000
AD9680-1250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC
RANGE (SFDR)3
fIN = 10 MHz
25°C
83
91
88
84
dBFS
fIN = 170 MHz
Full
80
88
75
83
75
85
74
77
dBFS
fIN = 340 MHz
25°C
83
81
85
78
dBFS
fIN = 450 MHz
25°C
81
78
82
76
dBFS
fIN = 765 MHz
25°C
80
78
82
77
dBFS
fIN = 985 MHz
25°C
75
74
80
71
dBFS
fIN = 1950 MHz
25°C
70
70
68
61
dBFS
WORST HARMONIC,
SECOND OR THIRD3
fIN = 10 MHz
25°C
−83
−91
−88
−84
dBFS
fIN = 170 MHz
Full
−88
−80
−83
−75
−85
−75
−77
−74
dBFS
fIN = 340 MHz
25°C
−83
−81
−85
−78
dBFS
fIN = 450 MHz
25°C
−81
−78
−82
−76
dBFS
fIN = 765 MHz
25°C
−80
−78
−82
−77
dBFS
fIN = 985 MHz
25°C
−75
−74
−80
−71
dBFS
fIN = 1950 MHz
25°C
−70
−70
−68
−61
dBFS
WORST OTHER, EXCLUDING
SECOND OR THIRD
HARMONIC3
fIN = 10 MHz
25°C
−95
−97
−95
−87
dBFS
fIN = 170 MHz
Full
−95
−82
−93
−80
−94
−81
−79
−74
dBFS
fIN = 340 MHz
25°C
−93
−91
−88
−81
dBFS
fIN = 450 MHz
25°C
−93
−90
−86
−79
dBFS
fIN = 765 MHz
25°C
−88
−83
−81
−79
dBFS
fIN = 985 MHz
25°C
−89
−84
−82
−77
dBFS
fIN = 1950 MHz
25°C
−84
−74
−75
−69
dBFS
TWO-TONE
INTERMODULATION
DISTORTION (IMD),
AIN1 AND AIN2 = −7 dBFS
fIN1 = 185 MHz,
fIN2 = 188 MHz
25°C
−88
−90
−87
−82
dBFS
fIN1 = 338 MHz,
fIN2 = 341 MHz
25°C
−88
−87
−88
−784
dBFS
CROSSTALK5
25°C
95
95
95
95
dB
FULL POWER BANDWIDTH6
25°C
2
2
2
2
GHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Noise density is measured at a low analog input frequency (30 MHz).
3
See Table 10 for the recommended settings for full-scale voltage and buffer current settings.
4
Measurement taken with 449 MHz and 452 MHz inputs for two-tone.
5
Crosstalk is measured at 170 MHz with a −1.0 dBFS analog input on one channel and no input on the adjacent channel.
6
Measured with the circuit shown in Figure 115.


Similar Part No. - AD9680BCPZRL7-1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680BCPZRL7-1000 AD-AD9680BCPZRL7-1000 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9680BCPZRL7-1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com