Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9691BCPZ-1250 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9691BCPZ-1250
Description  14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691BCPZ-1250 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9691BCPZ-1250 Datasheet HTML 5Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 6Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 7Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 8Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 9Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 10Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 11Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 12Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Data Sheet
AD9691
Rev. 0 | Page 9 of 72
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD1 to AGND
1.32 V
AVDD1_SR to AGND
1.32 V
AVDD2 to AGND
2.75 V
AVDD3 to AGND
3.63 V
DVDD to DGND
1.32 V
DRVDD to DRGND
1.32 V
SPIVDD to AGND
3.63 V
AGND to DRGND
−0.3 V to +0.3 V
VIN±x to AGND
3.2 V
SCLK, SDIO, CSB to AGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to AGND
−0.3 V to SPIVDD + 0.3 V
Environmental
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
115°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
Typical θJA, ΨJB, θJC_TOP, and θJC_BOT values are specified vs. the
number of printed circuit board (PCB) layers in different
airflow velocities (in m/sec). Airflow increases heat dissipation
effectively reducing θJA and ΨJB. The use of appropriate thermal
management techniques is recommended to ensure that the
maximum junction temperature does not exceed the limits shown
in Table 7.
Table 7.
PCB
Type
Airflow
Velocity
(m/sec)
θJA1,2
ΨJB1,3
θJC_TOP1,4
θJC_BOT1,4
Unit
JEDEC
2s2p
Board
0.0
17.41
4.70
6.01
1.12
°C/W
1.0
13.83
4.32
N/A5
N/A5
°C/W
2.5
12.47
4.21
N/A5
N/A5
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
Per MIL-STD 883, Method 1012.1.
5
N/A means not applicable.
ESD CAUTION


Similar Part No. - AD9691BCPZ-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9691BCPZ-1250 AD-AD9691BCPZ-1250 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
More results

Similar Description - AD9691BCPZ-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com